Electronic Components Datasheet Search
  English  ▼

X  

2SB772 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SB772
Description  Silicon PNP Power Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SB772 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SB772 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB772 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB772 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB772 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB772 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
JMnic
Product Specification
2
Silicon PNP Power Transistors
2SB772
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-10mA ;IB=0
-30
V
VCEsat
Collector-emitter saturation voltage
IC=-2.0A; IB=-0.2A
-0.3
-0.5
V
VBEsat
Base-emitter saturation voltage
IC=-2.0A ;IB=-0.2A
-1.0
-2.0
V
ICBO
Collector cut-off current
VCB=-30V; IE=0
-1.0
μA
IEBO
Emitter cut-off current
VEB=-3V; IC=0
-1.0
μA
hFE-1
DC current gain
IC=-20mA ; VCE=-2V
30
hFE-2
DC current gain
IC=-1A ; VCE=-2V
60
400
fT
Transition frequency
IC=-0.1A ; VCE=-5V
80
MHz
COB
Collector output capacitance
IE=0; f=1MHz ; VCB=-10V
55
pF
hFE-2 Classifications
R
Q
P
E
60-120
100-200
160-320
200-400



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com