Electronic Components Datasheet Search
  English  ▼

X  

TFC130M Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TFC130M
Description  PFC 130 WATT POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TFC130M Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TFC130M Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TFC130M Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TFC130M Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UNIVERSAL INPUT
OUTPUT VOLTAGE/CURRENT RATING CHART
(1)(2)
V1(3)
V2
V3 (4)
V4 (4)
VO
(5)(6)
5CFM 10CFM
5CFM 10CFM
5CFM 10CFM
5CFM 10CFM
5CFM 10CFM
Product No.
Vnom. Imax.Imax. Tol. Vnom. Imax. Imax. Tol.
Vnom.
Imax.Imax.Tol.
Vnom.
Imax.Imax. Tol. Vnom. Imax. Imax.
Tol.
TFC130-D23-3 +5.1V
8A 12A
2%
(N/A)
(N/A)
(N/A)
+3.3V
8A
12A
2%
TFC130-D23
+5.1V
8A 12A
2%
+12V 3.25A
6A 3%
(N/A)
(N/A)
(N/A)
TFC130-D24
+5.1V
8A 12A
2%
+15V
2.6A 4.8A 3%
(N/A)
(N/A)
(N/A)
TFC130-D25
+5.1V
8A 12A
2%
+24V 1.63A
3A 3%
(N/A)
(N/A)
(N/A)
TFC130-T31
+5.1V
8A 12A
2%
+12V 3.25A
6A 3%
+5V~+24V 0.5A 1A 2%
(N/A)
(N/A)
TFC130-T32
+5.1V
8A 12A
2%
+15V
2.6A 4.8A 3%
+5V~+24V 0.5A 1A 2%
(N/A)
(N/A)
TFC130-T33
+5.1V
8A 12A
2%
+24V 1.63A
3A 3%
+5V~+24V 0.5A 1A 2%
(N/A)
(N/A)
TFC130-T34
+5.1V
8A 12A
2%
+12V 3.25A
6A 3%
(N/A)
–5V~–24V 0.5A 1A
2%
(N/A)
TFC130-T35
+5.1V
8A 12A
2%
+15V
2.6A 4.8A 3%
(N/A)
–5V~–24V 0.5A 1A
2%
(N/A)
TFC130-T36
+5.1V
8A 12A
2%
+24V 1.63A
3A 3%
(N/A)
–5V~–24V 0.5A 1A
2%
(N/A)
TFC130-T31-3 +5.1V
8A 12A
2%
+12V 3.25A
6A 3%
(N/A)
(N/A)
+3.3V
8A
12A
2%
TFC130-T33-3 +5.1V
8A 12A
2%
+15V
2.6A 4.8A 3%
(N/A)
(N/A)
+3.3V
8A
12A
2%
TFC130-T39-3 +5.1V
8A 12A
2%
+24V 1.63A
3A 3%
(N/A)
(N/A)
+3.3V
8A
12A
2%
TFC130-Q41
+5.1V
8A 12A
2%
+12V 3.25A
6A 3%
+5V~+24V 0.5A 1A 2% –5V~–24V 0.5A
1A
2%
(N/A)
TFC130-Q42
+5.1V
8A 12A
2%
+15V
2.6A 4.8A 3%
+5V~+24V 0.5A 1A 2% –5V~–24V 0.5A
1A
2%
(N/A)
TFC130-Q43
+5.1V
8A 12A
2%
+24V 1.63A
3A 3%
+5V~+24V 0.5A 1A 2% –5V~–24V 0.5A
1A
2%
(N/A)
TFC130-Q41-3 +5.1V
8A 12A
2%
+12V 3.25A
6A 3%
+5V~+24V 0.5A 1A 2%
(N/A)
+3.3V
8A
12A
2%
TFC130-Q42-3 +5.1V
8A 12A
2%
+15V
2.6A 4.8A 3%
+5V~+24V 0.5A 1A 2%
(N/A)
+3.3V
8A
12A
2%
TFC130-Q43-3 +5.1V
8A 12A
2%
+24V 1.63A
3A 3%
+5V~+24V 0.5A 1A 2%
(N/A)
+3.3V
8A
12A
2%
TFC130-Q44-3 +5.1V
8A 12A
2%
+12V 3.25A
6A 3%
(N/A)
–5V~–24V 0.5A 1A
2% +3.3V
8A
12A
2%
TFC130-Q45-3 +5.1V
8A 12A
2%
+15V
2.6A 4.8A 3%
(N/A)
–5V~–24V 0.5A 1A
2% +3.3V
8A
12A
2%
TFC130-Q46-3 +5.1V
8A 12A
2%
+24V 1.63A
3A 3%
(N/A)
–5V~–24V 0.5A 1A
2% +3.3V
8A
12A
2%
TFC130-F51-3 +5.1V
8A 12A
2%
+12V 3.25A
6A 3%
+5V~+24V 0.5A 1A 2% –5V~–24V 0.5A 1A
2% +3.3V
8A
12A
2%
TFC130-F52-3 +5.1V
8A 12A
2%
+15V
2.6A 4.8A 3%
+5V~+24V 0.5A 1A 2% –5V~–24V 0.5A 1A
2% +3.3V
8A
12A
2%
TFC130-F53-3 +5.1V
8A 12A
2%
+24V 1.63A
3A 3%
+5V~+24V 0.5A 1A 2% –5V~–24V 0.5A 1A
2% +3.3V
8A
12A
2%
NOTES:
1. The outputs of each model are from two independent channels. Channel
#1 consists of the main output V1 and auxiliary output V0. Channel #2
consists of the main output V2 and auxiliary outputs V3 and V4. The
maximum output power that may be drawn from each channel is 45W
with 5 CFM forced-air cooling or 65W with 10 CFM forced-air cooling.
The derating curve on right provides guidelines on application within the
specified operating temperature range.
2. “5 CFM Imax.” (“10 CFM Imax.”) is the maximum current of individual
output when 5 CFM (10 CFM) forced air is provided. Under a specific
cooling condition, both the maximum output power stated in note #1 and
the maximum current of individual output must not be exceeded.
3. V1 needs a minimum current of 0.8A to support output V0 at its maximum
rated load.
4. The total output power of V3 and V4 should not exceed 30W. V3 is adjustable between +5V and +24V, and set at +12V as standard.
V4 is adjustable between –5V and –24V, and set at –12V as standard. It is welcome to consult factory for the two outputs to be set
at wanted voltages within the adjustable ranges.
5. Ripple and noise measured peak to peak across a 20MHz bandwidth by using a 12 inch twisted pair terminated with a 10µF
tantalum capacitor in parallel with a 0.1µF ceramic capacitor.
6. “Tol.” Is output voltage tolerance which includes initial set-up error, thermal drift, line regulation, load regulation and cross
regulation.
TFC130 SERIES
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com