Electronic Components Datasheet Search
  English  ▼

X  

TPA0213 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0213
Description  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0213 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA0213 Datasheet HTML 2Page - Texas Instruments TPA0213 Datasheet HTML 3Page - Texas Instruments TPA0213 Datasheet HTML 4Page - Texas Instruments TPA0213 Datasheet HTML 5Page - Texas Instruments TPA0213 Datasheet HTML 6Page - Texas Instruments TPA0213 Datasheet HTML 7Page - Texas Instruments TPA0213 Datasheet HTML 8Page - Texas Instruments TPA0213 Datasheet HTML 9Page - Texas Instruments TPA0213 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TPA0213
2-W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS276B – JANUARY 2000 – REVISED MARCH 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
.10
.01
10
1
0.001
0.01
0.1
1
10
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
PO – Output Power – W
VDD =3 V
Mono/BTL
f = 1 kHz
Gain = 8 dB
RL = 4 Ω
RL = 8 Ω
Figure 2
10
100
1k
10k 20k
Gain = 20 dB
VDD = 3 V
Mono/BTL
RL = 8 Ω
PO = 250 mW
0.01
0.001
1
0.1
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
f – Frequency – Hz
Gain = 8 dB
Figure 3
0.001
0.01
0.1
1
2
f = 20 kHz
VDD = 3 V
Mono/BTL
RL = 8 Ω
Gain = 8 dB
0.1
0.01
10
1
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
f = 20 Hz
f = 1 kHz
PO – Output Power – W
Figure 4
10
100
1k
10k 20k
RL = 10 kΩ
VO = 1 VRMS
VDD = 3 V
Stereo/SE
Gain = 1.9 dB
0.01
0.001
1
0.1
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
f – Frequency – Hz
RL = 32 Ω
PO = 25 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com