Electronic Components Datasheet Search
  English  ▼

X  

TM66 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TM66
Description  65 WATT MEDICAL POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM66 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TM66 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM66 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRI PTI O N
The TM66 series of compact, open PCB constructed,
AC-DC switching power supplies are capable of
delivering 51 to 65 watts of continuous power. They
operate at 90 to 264VAC input voltage without the
need of voltage selection. They are ideally suited for
use in medical equipments. All models meet the
safety requirements of UL, CSA and IEC.
FEAT URES
‧ Recogniz e d or certified by UL, CSA and TÜV
‧ Small size
‧ 100% burn-in
‧ 90 to 264VAC w i de input range
‧ Input surge current protection
‧ Ov erv o ltage protection
‧ Ov ercurrent protection
‧ Compliant w i th RoHS requirement
INPUT SPECIFICATIONS
Input v o lt age :
90 to 264VAC
Input frequency :
47 to 63 Hz
Input current :
1.60A ( rms ) for 115VAC
1.00A ( rms ) for 230VAC
Earth leakage current :
Safety Standard Approvals :
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
65 watts maximum
Ripple and noise:
1% peak to peak maximum
Overvoltage protection:
Provided on output; set at
112 – 132% of its nominal output
voltage
Overcurrent protection:
The output protected to short
circuit conditions
Temperature coefficient:
All outputs ±0.04%/ºC maximum
Transient response:
Maximum excursion of 4%
or better on all models,
recovering to 1% of final value
within 500µs after a 25% step
load change
ENVIRONMENTA L SPECIFICAT IONS
Operating temperature :
S t orage temperature :
Relativ e humidity :
Derating:
GENERAL SPECIFICATIONS
Switching frequency: 42KHz ±5KHz
Efficiency:
75% minimum on models with
Vo
≥12V, 6% minimum on the others
Hold-up time:
10 msec minimum at 110VAC
Line regulation:
±0.5% maximum at full load
Inrush current:
17 amps @ 115VAC or 40 amps
@230VAC, at 25ºC cold start
Withstand voltage:
4000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
400,000 hours minimum at full load
at 25ºC ambient , calculated per
MIL-HDBK-217F
EMC Performance (EN60601-1-2: 2001)
EN55011:
Class B conducted, Class B radiated
FCC:
Class B conducted, Class B radiated
VCCI:
Class B conducted, Class B radiated
EN61000-3-2:
Harmonic distortion, Class A
EN61000-3-3:
Line flicker
EN61000-4-2:
ESD, ±8KV air and ±6KV contact
EN61000-4-3:
Radiated immunity, 3V/m for
80~2500MHz
EN61000-4-4:
Fast transient/burst, ±2KV
EN61000-4-5:
Surge, ±1KV diff, ±2KV com.
EN61000-4-6:
Conducted immunity, 3Vrms
EN61000-4-8:
Magnetic field immunity, 3A/m
EN61000-4-11:
Voltage dips, 30% reduction for 500ms,
60% reduction for 100ms and >95%
reduction for 10ms
UL 2601-1
CSA C22.2 No. 601.1
TÜV EN60601-1
TM66 SERIES
(LVD)
90µA max. @ 115VAC, 60Hz
150µA max. @ 230VAC, 50Hz
RoHS
TRUMPower
65 WATT MEDICAL POWER SUPPLIES
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com
0ºC to +70ºC
-40ºC to +85ºC
5% to 95% non-condensing
Derate from 100% at +50ºC linearly
to 50% at +70ºC


Similar Part No. - TM66

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM6603 SPECTRUM-TM6603 Datasheet
67Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
TM6603 APITECH-TM6603 Datasheet
68Kb / 1P
RF AMPLIFIER MODEL
TM6603PM APITECH-TM6603PM Datasheet
71Kb / 1P
RF AMPLIFIER MODEL
logo
Spectrum Microwave, Inc...
TM6605 SPECTRUM-TM6605 Datasheet
71Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
TM6605 APITECH-TM6605 Datasheet
72Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - TM66

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PM66 PROTEC-PM66 Datasheet
704Kb / 2P
51-65 WATT MEDICAL SWITCHING POWER SUPPLIES
logo
Tumbler Technologies + ...
PM40AL TRUMPOWER-PM40AL Datasheet
211Kb / 2P
40 WATT MEDICAL POWER SUPPLIES
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
TM110 TRUMPOWER-TM110 Datasheet
263Kb / 2P
110 WATT MEDICAL POWER SUPPLIES
TM300 TRUMPOWER-TM300 Datasheet
277Kb / 3P
300 WATT MEDICAL POWER SUPPLIES
TM450 TRUMPOWER-TM450 Datasheet
253Kb / 3P
450 WATT MEDICAL POWER SUPPLIES
TM650 TRUMPOWER-TM650 Datasheet
273Kb / 3P
650 WATT MEDICAL POWER SUPPLIES
logo
RSG Electronic Componen...
PU65 RSG-PU65 Datasheet
169Kb / 2P
65 WATT SWITCHING POWER SUPPLIES
PU66 RSG-PU66 Datasheet
600Kb / 2P
65 WATT SWITCHING POWER SUPPLIES
PU65 RSG-PU65_14 Datasheet
116Kb / 2P
50-65 WATT SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com