Electronic Components Datasheet Search
  English  ▼

X  

TM450 Datasheet(PDF) 3 Page - Tumbler Technologies + TRUMPower

Part # TM450
Description  450 WATT MEDICAL POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM450 Datasheet(HTML) 3 Page - Tumbler Technologies + TRUMPower

  TM450 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM450 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TM450 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MEDICAL GRADE
TM450 SERIES
MECHANICAL SPECIFICATIONS
PIN CHART
P1 (AC)
P4
1
2
3
P2
P3
1
2
3
4
TM450-D20
TM450-D21
TM450-D22
TM450-D23
TM450-D24
TM450-T30
TM450-T31
TM450-T32
TM450-T33
TM450-T34
TM450-T35
TM450-T36
TM450-T37
LIVE
NEUTRAL GROUND
+V1
-V1
SIGNAL GROUND
(-V)
+S (V1)
-S (V1)
PFD
P4
P5
5
6
7
8
9
10
1
2
3
4
TM450-D20
TM450-D21
TM450-D22
TM450-D23
TM450-D24
+V2
-V2
N.C.
N.C.
TM450-T30
TM450-T31
TM450-T32
TM450-T33
TM450-T34
TM450-T35
TM450-T36
TM450-T37
INHIBIT
+Ve
INHIBIT
-Ve
+S (V2) -S (V2) 0V (FAN)
FAN
+V2
-V2
+V3
-V3
P1 (AC)
P4
1
2
3
P2
P3
1
2
3
4
TM450-S12
TM450-S15
TM450-S24
TM450-S27
TM450-S30
TM450-S40
TM450-S48
TM450-S55
LIVE
NEUTRAL GROUND
+V
-V
SIGNAL GROUND
(-V)
+S (V)
-S (V)
PFD
P4
5
6
7
8
9
10
TM450-S12
TM450-S15
TM450-S24
TM450-S27
TM450-S30
TM450-S40
TM450-S48
TM450-S55
INHIBIT
+Ve
INHIBIT
-Ve
N.C.
N.C.
0V (FAN)
FAN
CONN
PIN
MODEL
CONN
PIN
MODEL
CONN
PIN
MODEL
Single Output Models
Multiple Output Models
Multiple Output Models
NOTES:
1.
Dimensions shown in inch [mm].
2.
Tolerance 0.02 [0.5] maximum.
3.
Input connector P1 is Dinkle DT-35-B01W-03
screws are M3, Nickel plated.
4.
Connector P4 mates with Molex housing
50-37-5103 and pins 5263.
5.
P2, P3: M*0.05 screw connections.
6.
Output connector P5 is Dinkle DT-35-B01W-04
screws are M3, Nickel plated.
7.
Weight: 1,900 grams
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com
CONN
PIN
MODEL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com