Electronic Components Datasheet Search
  English  ▼

X  

TMPC-500 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMPC-500
Description  500W ATX PC Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMPC-500 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMPC-500 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Medically Approved
500W ATX PC Power Supply
Product # TMPC-500
Features
•
90-265 VAC universal input
•
Active PFC
•
Low ripple & noise
•
Output over voltage protection
•
Short circuit protection on all outputs
•
Resettable power shut down
•
Low noise cooling fan
•
100% burn-in at 50°C
•
100% Hi-pot tested
•
MTBF > 200,000 hours @25°C
•
Line input fuse protection
•
Approved to UL 60601-1, IEC 60601-1, EN 60601-1 medical standards
•
Complies with EN 61000-3-2, EN 60601-1-2, EN 55011 standards
•
< 90µA @264VAC low leakage version available
Input Specifications
•
Input voltage: 90 to 265 VAC
•
Input frequency: 47 to 63 Hz
•
Input current: 8.0A@115VAC, 4.0A@230VAC
Other Specifications
•
Hold-up time: 20ms @115VAC/60Hz, 20ms @230VAC/50Hz.
•
Efficiency: 68% @ full load
•
MTBF: >200,000 hours at full load @25°C
•
Operating temperature: 0°C to +50°C
•
Storage temperature: -20°C to +80°C
•
Relative humidity: 5% to 95% non-condensing
Output Specifications
•
Over voltage protection: +3.7V to +4.5V for +3.3V; +5.7V to +6.5V for +5V; +13.3V to +15.6V for +12V
•
Short circuit protection: On all outputs
t
u
p
t
u
O
C
D
e
g
a
t
l
o
V
d
a
o
L
m
u
m
i
n
i
Md
a
o
L
m
u
m
i
x
a
M
*n
o
i
t
a
l
u
g
e
R
d
a
o
Le
s
i
o
N
&
e
l
p
p
i
R
)
.
x
a
M
(
P
-
P
V
3
.
3
+A
5
.
0A
0
3%
5
±V
m
0
5
V
5
+A
3
.
0A
0
3%
5
±V
m
0
5
)
1
(
V
2
1
+A
1A
7
1%
5
±V
m
0
2
1
)
2
(
V
2
1
+A
1A
7
1%
5
±V
m
0
2
1
V
2
1
-A
0A
8
.
0%
0
1
±V
m
0
2
1
b
s
V
5
+A
0A
2%
5
±V
m
0
5
V
5
-A
0A
3
.
0%
0
1
±V
m
0
0
1
Tumbler Technologies + TRUMPower
Santa Clara, California, USA • Phone: 408-988-6616 • sales@TRUMPower.com • www.TRUMPower.com
5.91" X 5.51" X 3.39"
(150 X 140 X 86 mm)
*+3.3V & +5V total output: 200W max.
*+3.3V & +5V & +12V total output: 480W max.
-01/2008-
*90-265 VAC universal input + PFC
*Unit without on/off switch is optional.


Similar Part No. - TMPC-500

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMPC-500H TRUMPOWER-TMPC-500H Datasheet
217Kb / 2P
Haswell Ready Medical Grade 500W ATX Power Supply
More results

Similar Description - TMPC-500

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMPC-300UP TRUMPOWER-TMPC-300UP Datasheet
72Kb / 1P
300W ATX PC Power Supply
TMPC-400 TRUMPOWER-TMPC-400 Datasheet
29Kb / 1P
400W ATX PC Power Supply
TMPC-500H TRUMPOWER-TMPC-500H Datasheet
217Kb / 2P
Haswell Ready Medical Grade 500W ATX Power Supply
TIPC500BE TRUMPOWER-TIPC500BE Datasheet
381Kb / 1P
500W PS/2 ATX IPC Power Supply
logo
Lite-On Technology Corp...
PS-4801-6 LITEON-PS-4801-6 Datasheet
359Kb / 3P
PC Power Supply ATX Series
PS-5551-1 LITEON-PS-5551-1 Datasheet
349Kb / 3P
PC Power Supply ATX Series
PS-5751-1 LITEON-PS-5751-1 Datasheet
354Kb / 3P
PC Power Supply ATX Series
PS-5851-1 LITEON-PS-5851-1 Datasheet
354Kb / 3P
PC Power Supply ATX Series
PS-6301-09 LITEON-PS-6301-09 Datasheet
405Kb / 3P
PC Power Supply ATX Series
PS-8651-2 LITEON-PS-8651-2_V01 Datasheet
417Kb / 3P
PC Power Supply ATX Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com