Electronic Components Datasheet Search
  English  ▼

X  

TOP100-36 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TOP100-36
Description  60-96 WATT AC/DC SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TOP100-36 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TOP100-36 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TOP100-36 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Specification
File Name:PLN-100-SPEC 2008-08-18
Case No.955A
Unit:mm
Fosc : 100KHz
Ta=25
Derating Curve
Static Characteristics
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (V) 60Hz
Block Diagram
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
EMI FILTER
RECTIFIERS
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
ING
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
PFC
CONTROL
(HORIZONTAL)
-30
-15
-5
0
15
30
40
50
20
40
60
80
100
90
100
125
135
145
155
165
175
180
200
230
264
100
90
80
70
60
50
40
100W Single Output Switching Power Supply
PLN-100 series
310 10
6.26
6.26
200
18AWG 2C
18AWG 3C
2-R2.5
+V(Red)
-V(Black)
310 10
FG
(Greed/Yellow)
AC/L(Brown)
AC/N(Blue)
SVR2
SVR1
Output voltage and current adjustment : remove the upper case and adjust through SVR1 & SVR2
shown in the diagram.
Output voltage adjustment
Output current adjustment
SVR1
SVR2
T TOP100 Series 60-96 WATT AC/DC SWITCHING POWER SUPPLIES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com