Electronic Components Datasheet Search
  English  ▼

X  

TPA0242 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPA0242
Description  STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0242 Datasheet(HTML) 1 Page - Texas Instruments

  TPA0242 Datasheet HTML 1Page - Texas Instruments TPA0242 Datasheet HTML 2Page - Texas Instruments TPA0242 Datasheet HTML 3Page - Texas Instruments TPA0242 Datasheet HTML 4Page - Texas Instruments TPA0242 Datasheet HTML 5Page - Texas Instruments TPA0242 Datasheet HTML 6Page - Texas Instruments TPA0242 Datasheet HTML 7Page - Texas Instruments TPA0242 Datasheet HTML 8Page - Texas Instruments TPA0242 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TPA0242
STEREO 2-W AUDIO POWER AMPLIFIER
WITH DC VOLUME CONTROL AND MUX CONTROL
SLOS287 – NOVEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Compatible With PC 99 Desktop Line-Out
Into 10-k
Ω Load
D Compatible With PC 99 Portable Into 8-Ω
Load
D Internal Gain Control, Which Eliminates
External Gain-Setting Resistors
D DC Volume Control From 20 dB to –40 dB
D 2-W/Ch Output Power Into 3-Ω Load
D Input MUX Select Terminal
D PC-Beep Input
D Depop Circuitry
D Stereo Input MUX
D Fully Differential Input
D Low Supply Current and Shutdown Current
D Surface-Mount Power Packaging
24-Pin TSSOP PowerPAD
™
description
The TPA0242 is a stereo audio power amplifier in a 24-pin TSSOP thermally enhanced package capable of
delivering 2 W of continuous RMS power per channel into 3-
Ω loads. This device minimizes the number of
external components needed, which simplifies the design and frees up board space for other features. When
driving 1 W into 8-
Ω speakers, the TPA0242 has less than 0.22% THD+N across its specified frequency range.
Included within this device is integrated depop circuitry that virtually eliminates transients that cause noise in
the speakers.
Amplifier gain is controlled by a dc voltage input on the VOLUME terminal. There are 31 discrete steps covering
the range of 20 dB (maximum volume setting) to –40 dB (minimum volume setting) in 2 dB steps. When the
VOLUME terminal exceeds 3.54 V, the device is muted. An internal input MUX allows two sets of stereo inputs
to the amplifier. The HP/LINE terminal allows the user to select which MUX input is active regardless of whether
the amplifier is in SE or BTL mode. In notebook applications, where internal speakers are driven as BTL and
the line outputs (often headphone drive) are required to be SE, the TPA0242 automatically switches into SE
mode when the SE/BTL input is activated, and this effectively reduces the gain by 6 dB.
The TPA0242 consumes only 20 mA of supply current during normal operation. A miserly shutdown mode
reduces the supply current to less than 150
µA.
The PowerPAD package (PWP) delivers a level of thermal performance that was previously achievable only
in TO-220-type packages. Thermal impedances of approximately 35
°C/W are truly realized in multilayer PCB
applications. This allows the TPA0242 to operate at full power into 8-
Ω loads at ambient temperatures of 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
HP/LINE
VOLUME
LOUT+
LLINEIN
LHPIN
PVDD
RIN
LOUT–
LIN
BYPASS
GND
GND
RLINEIN
SHUTDOWN
ROUT+
RHPIN
VDD
PVDD
CLK
ROUT–
SE/BTL
PC-BEEP
GND
PWP PACKAGE
(TOP VIEW)
PowerPAD is a trademark of Texas Instruments Incorporated.


Similar Part No. - TPA0242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0242 TI1-TPA0242 Datasheet
494Kb / 32P
STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242PWP TI1-TPA0242PWP Datasheet
494Kb / 32P
STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242PWPR TI1-TPA0242PWPR Datasheet
494Kb / 32P
STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242PWPRG4 TI1-TPA0242PWPRG4 Datasheet
494Kb / 32P
STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results

Similar Description - TPA0242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com