Electronic Components Datasheet Search
  English  ▼

X  

TPA0243 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPA0243
Description  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0243 Datasheet(HTML) 2 Page - Texas Instruments

  TPA0243 Datasheet HTML 1Page - Texas Instruments TPA0243 Datasheet HTML 2Page - Texas Instruments TPA0243 Datasheet HTML 3Page - Texas Instruments TPA0243 Datasheet HTML 4Page - Texas Instruments TPA0243 Datasheet HTML 5Page - Texas Instruments TPA0243 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TPA0243
2-W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS279A – JANUARY 2000 – REVISED MARCH 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
4
FILT CAP
+
–
1.25*R
R
+
–
50 k
Ω
M
U
X
5
RI
CI
Right
Audio
Input
RO/MO+
6
+
–
1.25*R
R
+
–
50 k
Ω
M
U
X
LIN
9
RI
CI
10
50 k
Ω
Left
Audio
Input
Stereo/Mono
Control
Shutdown
and Depop
Circuitry
SHUTDOWN
2
From
System Control
ST/MN
7
LO/MO–
CC
CC
100 k
Ω
100 k
Ω
VDD
1 k
Ω
CB
BYPASS
8
BYPASS
BYPASS
BYPASS
BYPASS
BYPASS
VDD
3
VDD
GND
RIN
1
AVAILABLE OPTIONS
PACKAGED DEVICES
MSOP
TA
MSOP†
(DGQ)
MSOP
SYMBOLIZATION
–40
°C to 85°C
TPA0243DGQ
AEK
† The DGQ package are available taped and reeled. To order a taped and reeled part, add the
suffix R to the part number (e.g., TPA0243DGQR).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com