Electronic Components Datasheet Search
  English  ▼

X  

TS200 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TS200
Description  200W Compact AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TS200 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TS200 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TS200 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Specification
Derating Curve
Output Derating VS Input Voltage
Unit:mm
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (V) 60Hz
Ta=25
90
115
125
135
155
264
100
90
80
70
60
50
40
-20
010203040506070
20
50
70
100
125
PWM&PFC
CIRCUIT
DETECTION
O.L.P.
EMI FILTER
RECTIFIERS
&
PFC
CIRCUIT
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
I/P
FG
CONTROL
O.V.P.
-V
Block Diagram
fosc : 100KHz
(HORIZONTAL)
DC Output Connector (CN5) : JST B8P-VH or equivalent
Pin No.
1~4
5~8
Assignment
-V
+V
Mating Housing
JST VHR
or equivalent
Terminal
JST SVH-21T-P1.1
or equivalent
AC Input Connector (CN1) : JST B3P-VH or equivalent
Pin No.
1
3
2
Assignment
AC/L
AC/N
No Pin
Mating Housing
JST VHR
or equivalent
Terminal
JST SVH-21T-P1.1
or equivalent
HS1,HS2 can not be shorted
Mating Housing
Molex 5051
or equivalent
Terminal
Molex 4809
or equivalent
Remote Sense(CN3) : Molex 5045-02 or equivalent
Pin No.
1
2
Assignment
RS-
RS+
With FAN
Without FAN
FAN
20.5CFM
HS1
HS2
direction
Air flow
2
CN3
1
127
115.6
5
LED1
3
CN1
1
5
2
3
4
6
7
8
CN5
1
2
SVR1
TRUMPower
200W Compact AC/DC Power Supplies
Tumbler Technologies + TRUMPower • Santa Clara, CA, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TS200 Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com