Electronic Components Datasheet Search
  English  ▼

X  

TPA032D02 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPA032D02
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA032D02 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA032D02 Datasheet HTML 2Page - Texas Instruments TPA032D02 Datasheet HTML 3Page - Texas Instruments TPA032D02 Datasheet HTML 4Page - Texas Instruments TPA032D02 Datasheet HTML 5Page - Texas Instruments TPA032D02 Datasheet HTML 6Page - Texas Instruments TPA032D02 Datasheet HTML 7Page - Texas Instruments TPA032D02 Datasheet HTML 8Page - Texas Instruments TPA032D02 Datasheet HTML 9Page - Texas Instruments TPA032D02 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TPA032D02
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS243A – DECEMBER 1999 – REVISED MARCH 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics Class-D amplifier, VDD = PVDD = LPVDD = RPVDD = 12 V, RL = 4 Ω to 8 Ω,
TA = 25°C, See Figure 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power supply rejection ratio
VDD = PVDD = xPVDD = 11 V to 13 V
–40
dB
IDD
Supply current
No output filter connected
25
35
mA
IDD(Mute) Supply current, mute mode
MUTE = 0 V
10
18
mA
IDD(S/D)
Supply current, shutdown mode
SHUTDOWN = 0 V
20
30
µA
|IIH|
High-level input current (MUTE, MODE,
SHUTDOWN)
VIH = 5.25 V
10
µA
|IIL|
Low-level input current (MUTE, MODE,
SHUTDOWN)
VIL = – 0.3 V
10
µA
rDS(on)
Static drain-to-source on-state resistance
(high-side + low-side FETs)
IDD = 0.5 A
720
800
m
Ω
rDS(on)
Matching, high-side to high-side, low-side to
low-side, same channel
95%
98%
operating characteristics, Class-D amplifier, VDD = PVDD = LPVDD = RPVDD = 12 V, RL = 4 Ω,
TA = 25°C, See Figure 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
f = 1 kHz,
THD = 0.5%, per channel,
Device soldered on PCB,
See Note 2
10
W
Efficiency
PO = 10 W,
f = 1 kHz
77%
AV
Gain
25
dB
Left/right channel gain matching
92%
95%
Noise floor
–60
dB
Dynamic range
80
dB
Crosstalk
f = 1 kHz
–50
dB
Frequency response bandwidth, post output filter, – 3 dB
20
20 000
Hz
BOM
Maximum output power bandwidth
20
kHz
ZI
Input impedance
10
k
Ω
NOTE 2: Output power is thermally limited, TA = 23°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com