Electronic Components Datasheet Search
  English  ▼

X  

TUP110 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TUP110
Description  110 WATT POWER ADAPTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TUP110 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TUP110 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TUP110 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UNIVERSAL INPUT
TUP110 SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Maximum
Output #1
Output #2
Output #3
Output #4
Output
Product No.
Vnom. Imin. Imax. Tol.
Vnom. Imin. Imax. Ipeak. Tol.
Vnom. Imin. Imax. Tol.
Vnom. Imin. Imax. Tol.
Power
TUP110-S05
5V
0A
22A
5%
(N/A)
(N/A)
(N/A)
110W
TUP110-S12
12V
0A
9.0A
4%
(N/A)
(N/A)
(N/A)
110W
TUP110-S15
15V
0A
7.5A
3%
(N/A)
(N/A)
(N/A)
110W
TUP110-S24
24V
0A
4.5A
3%
(N/A)
(N/A)
(N/A)
110W
TUP110-S30
30V
0A
3.6A
3%
(N/A)
(N/A)
(N/A)
110W
TUP110-S48
48V
0A
2.3A
3%
(N/A)
(N/A)
(N/A)
110W
TUP110-D23
+5V
0A
10A
5%
+12V
0A
5A
9.0A
5%
(N/A)
(N/A)
110W
TUP110-T31
+5V
0A
10A
5%
+12V
0A
5A
9.0A
5%
-12V
0A
1A
5%
(N/A)
110W
TUP110-T32
+5V
0A
10A
5%
+15V
0A
4A
7.5A
5%
-15V
0A
1A
5%
(N/A)
110W
TUP110-Q40
+5V
0A
10A
5%
+12V
0A
5A
9.0A
5%
-12V
0A
1A
5%
-5V
0A
1A
5%
110W
TUP110-Q41
+5V
0A
10A
5%
+15V
0A
4A
7.5A
5%
-15V
0A
1A
5%
+24V
0A
1A
5%
110W
TUP110-Q42
+5V
0A
10A
5%
+12V
0A
5A
9.0A
5%
-12V
0A
1A
5%
+12V
0A
1A
5%
110W
TUP110-Q45
+5V
0A
10A
5%
+12V
0A
5A
9.0A
5%
-12V
0A
1A
5%
+24V
0A
1A
5%
110W
TUP110-Q45-1
+5V
2A
10A
5%
+12V
0A
5A
9.0A
5%
-12V
0A
1A
5%
+24V
15A
3A
10%
110W
TUP110-Q45-2
+5V
0A
10A
5%
+24V
0A
3A
5.0A
5%
-12V
0A
1A
5%
+12V
0A
1A
5%
110W
TUP110-Q46
+5V
0A
10A
5%
+15V
0A
4A
7.5A
5%
-15V
0A
1A
5%
-5V
0A
1A
5%
110W
Notes:
(1) Peak output current with 10% maximum duty cycle for less than 60 seconds. Total peak power must not exceed 130 watts.
(2) The output #1 of model TUP110-Q45-1 needs a minimum current of 2A to support the other outputs at their maximum
rated loads.
MECHANICAL SPECIFICATIONS
PIN CHART
PIN
Product No.
1
2
3
4
5
6
7
8
TUP110-S05
TUP110-S15
TUP110-S30
TUP110-S12
TUP110-S24
TUP110-S48
RETURN
RETURN
OUTPUT
#1
RETURN
OUTPUT
#1
RETURN
OUTPUT
#1
N.C. or
PFD
TUP110-D23
COMMON
RETURN
N.C.
OUTPUT
#1
N.C.
OUTPUT
#2
COMMON
RETURN
OUTPUT
#1
N.C. or
PFD
TUP110-T31
TUP110-T32
COMMON
RETURN
OUTPUT
#3
OUTPUT
#1
N.C.
OUTPUT
#2
COMMON
RETURN
OUTPUT
#1
N.C. or
PFD
TUP110-Q40
TUP110-Q42
TUP110-Q45-1
TUP110-Q46
TUP110-Q41
TUP110-Q45
TUP110-Q45-2
COMMON
RETURN
OUTPUT
#3
OUTPUT
#1
OUTPUT
#4
OUTPUT
#2
COMMON
RETURN
OUTPUT
#1
N.C. or
PFD
1.
Dimensions show in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Weight: 1.40 Kgs (3.08 Lbs.) approx.
4.
Standard output connector is a male 8-pin power DIN. Please
contact TRUMPower for other options.
5.
To order a model with on/off switch, add suffix “S” to the model
number, e.g. TUP110-T31-K1-S.
6.
To order a model with PFD signal, add suffix “PF” to the model
number, e.g. TUP110-T31-K1-PF.
NOTES:
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com