Electronic Components Datasheet Search
  English  ▼

X  

TPA112 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA112
Description  150-mW STEREO AUDIO POWER AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA112 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA112 Datasheet HTML 9Page - Texas Instruments TPA112 Datasheet HTML 10Page - Texas Instruments TPA112 Datasheet HTML 11Page - Texas Instruments TPA112 Datasheet HTML 12Page - Texas Instruments TPA112 Datasheet HTML 13Page - Texas Instruments TPA112 Datasheet HTML 14Page - Texas Instruments TPA112 Datasheet HTML 15Page - Texas Instruments TPA112 Datasheet HTML 16Page - Texas Instruments TPA112 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
TPA112
150-mW STEREO AUDIO POWER AMPLIFIER
SLOS212C – AUGUST 1998 – REVISED MARCH 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
OPEN–LOOP GAIN AND PHASE MARGIN
vs
FREQUENCY
40
20
0
–20
60
80
–30
°
0
°
VDD = 3.3 V
TA = 25°C
No Load
100
30
°
60
°
90
°
120
°
150
°
1k
100k
f – Frequency – Hz
10k
1M
10M
100
Phase
Gain
Figure 29
OPEN–LOOP GAIN AND PHASE MARGIN
vs
FREQUENCY
f – Frequency – Hz
20
0
–20
40
80
100
1k
10k
10M
1M
100k
60
100
VDD = 5 V
TA = 25°C
No Load
–30
°
0
°
30
°
60
°
90
°
120
°
150
°
Phase
Gain
Figure 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com