Electronic Components Datasheet Search
  English  ▼

X  

TPA1517 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA1517
Description  6-W STEREO AUDIO POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA1517 Datasheet(HTML) 1 Page - Texas Instruments

  TPA1517 Datasheet HTML 1Page - Texas Instruments TPA1517 Datasheet HTML 2Page - Texas Instruments TPA1517 Datasheet HTML 3Page - Texas Instruments TPA1517 Datasheet HTML 4Page - Texas Instruments TPA1517 Datasheet HTML 5Page - Texas Instruments TPA1517 Datasheet HTML 6Page - Texas Instruments TPA1517 Datasheet HTML 7Page - Texas Instruments TPA1517 Datasheet HTML 8Page - Texas Instruments TPA1517 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TPA1517
6-W STEREO AUDIO POWER AMPLIFIER
SLOS162B – MARCH 1997 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D TDA1517P Compatible
D High Power Outputs (6 W/Channel)
D Surface Mount Availability
20-Pin Thermal SOIC PowerPAD
™
D Thermal Protection
D Fixed Gain . . . 20 dB
D Mute and Standby Operation
D Supply Range . . . 9.5 V – 18 V
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
IN1
SGND
SVRR
OUT1
PGND
OUT2
VCC
M/SB
IN2
GND/HS
GND/HS
GND/HS
GND/HS
GND/HS
GND/HS
GND/HS
GND/HS
GND/HS
GND/HS
GND/HS
NE PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND/HS
IN1
NC
SGND
SVRR
NC
OUT1
OUT1
PGND
GND/HS
GND/HS
IN2
NC
M/SB
VCC
NC
OUT2
OUT2
PGND
GND/HS
DWP PACKAGE
(TOP VIEW)
Cross Section View Showing PowerPAD
NC – No internal connection
description
The TPA1517 is a stereo audio power amplifier that contains two identical amplifiers capable of delivering 6 W
per channel of continuous average power into a 4-
Ω load at 10% THD+N or 5 W per channel at 1% THD+N.
The gain of each channel is fixed at 20 dB. The amplifier features a mute/standby function for power-sensitive
applications. The amplifier is available in Texas Instruments patented PowerPAD 20-pin surface-mount
thermally-enhanced package (DWP) that reduces board space and facilitates automated assembly while
maintaining exceptional thermal characteristics. It is also available in the 20-pin thermally enhanced DIP
package (NE).
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
THERMALLY ENHANCED
PLASTIC DIP
THERMALLY† ENHANCED
SURFACE MOUNT
(DWP)
–40
°C to 85°C
TPA1517NE
TPA1517DWP
† The DWP package is available taped and reeled. To order a taped and reeled part,
add the suffix R (e.g., TPA1517DWPR).
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 2000, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments Incorporated.


Similar Part No. - TPA1517

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA1517 TI-TPA1517 Datasheet
455Kb / 20P
6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517 Datasheet
927Kb / 23P
6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI2-TPA1517 Datasheet
491Kb / 24P
6-W STEREO AUDIO POWER AMPLIFIER
REVISED FEBRUARY 2007
TPA1517DWP TI-TPA1517DWP Datasheet
455Kb / 20P
6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWP TI1-TPA1517DWP Datasheet
927Kb / 23P
6-W STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA1517

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
1.5-W STEREO AUDIO POWER AMPLIFIER
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
2-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA3005D2 TI-TPA3005D2 Datasheet
379Kb / 25P
6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
6-W STEREO AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2_15 Datasheet
927Kb / 31P
6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
1.5-W STEREO AUDIO POWER AMPLIFIER
TPA0202 TI1-TPA0202_16 Datasheet
1Mb / 49P
2-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
6-W STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com