Electronic Components Datasheet Search
  English  ▼

X  

80JR10 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # 80JR10
Description  Military Grade 80 Series MIL-R-26 Qualified
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

80JR10 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  80JR10 Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
22
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
23
C O M M E R C I A L G R A D E P A R T N U M B E R S
80 Series
Commercial Grade Acrasil®‚ Silicone-Ceramic
Conformal Axial Terminal Wirewound
1% Tol. (5% avail.)
RW Series
Military Grade 80 Series MIL-R-26 Qualified
Comm. Military
Dimensions (in. / mm)
Lead
Grade
Grade
Watts Ohms
Length
Diam.
Voltage ga.
81F
RW70U
1
0.1-6K
0.437 / 11.1 0.125 / 3.2
150
24
82
2
0.1-8K
0.406 / 10.3 0.219 / 5.6
100
20
83F
RW79U
3
0.1-20K 0.593 / 15.1 0.218 / 5.5
200
20
83J
RW69V
85F
RW74U
5
0.1-75K 0.937 / 23.8 0.343 / 8.7
460
18
85J
RW67V
80F
RW78U
10 0.1-150K 1.842 / 46.8 0.406 /10.3 1000
18
80J
RW68V
Non-Inductive versions available. Insert “N” before tolerance code. Example: 83NF2K21
F E A T U R E S
• Designed for precision power
applications
• All-welded construction
• RW Series “Mil” value resistors
marked with “Mil” in accordance
with MIL-R-26 specifications
S P E C I F I C A T I O N S
Material
Coating: Silicone-ceramic.
Core: Ceramic.
Terminals: Solder-coated copper
clad axial.
Derating: Linearly from
100% @ +25°C to
0% @ +275°C.
Electrical
Tolerance: ±5% (J type),
±1% (F type)
(other tolerances available).
Power rating: Based on 25°C free
air rating.
Maximum ohmic values:
See chart.
Overload: Under 5 watts: 5 times
rated wattage for 5 seconds. 5
watts and over: 10 times rated
wattage for 5 seconds.
Temperature coefficient:
Under 1Ω: ±90 ppm/°C
1 to 9.99Ω: ±50 ppm/°C
10Ω and over: ±20 ppm/°C
Dielectric withstanding voltage:
500 VAC: 1 watt rating
1000 VAC: 2, 3, 5, 7 and
10 watt rating
0.1
–––R10
   
0.11
–––R11
  
0.121 –––R121
   
0.133 –––R133
  
0.15
–––R15
   
0.162 –––R162
  
0.182 –––R182
   
0.2
–––R20
   
0.221 –––R221
  
0.249 –––R249
   
0.274 –––R274
  
0.301 –––R301
   
0.332 –––R332
  
0.374 –––R374
  
0.392 –––R392
  
0.402 –––R402
   
0.453 –––R453
  
0.499 –––R499
   
0.511 –––R511
  
0.562 –––R562
   
0.619 –––R619
  
0.681 –––R681
   
0.75
–––R75
  
0.825 –––R825
   
0.909 –––R909
  
1
–––1R0
   
1.1
–––1R1
  
1.21
–––1R21
   
1.330 –––1R33
  
1.5
–––1R5
   
1.62
–––1R62
  
1.82
–––1R82
   
2
–––2R0
   
2.21
–––2R21
  
2.49
–––2R49
   
2.74
–––2R74
  
3.01
–––3R01
   
3.32
–––3R32
  
3.74
–––3R74
  
4.02
–––4R02
   
4.53
–––4R53
  
4.99
–––4R99
   
5.11
–––5R11
  
5.62
–––5R62
   
6.19
–––6R19
  
6.81
–––6R81
   
7.5
–––7R5
  
8.25
–––8R25
   
9.09
–––9R09
  
10
–––10R
   
11
–––11R
  
12.1
–––12R1
   
13.3
–––13R3
  
15
–––15R
   
16.2
–––16R2
  
18.2
–––18R2
   
20
–––20R
   
22.1
–––22R1
  
24.9
–––24R9
   
27.4
–––27R4
  
30.1
–––30R1
   
33.2
–––33R2
  
37.4
–––37R4
  
40.2
–––40R2
   
45.3
–––45R3
  
49.9
–––49R9
   
51.1 –––51R1
  
56.2 –––56R2
   
61.9 –––61R9
  
68.1 –––68R1
   
75
–––75R
  
82.5 –––82R5    
90.9 –––90R9
  
100
–––100
   
110
–––110
  
121
–––121
   
133
–––133
  
150
–––150
   
162
–––162
  
182
–––182
   
200
–––200
   
221
–––221
  
249
–––249
   
274
–––274
  
301
–––301
   
332
–––332
  
374
–––374
  
402
–––402
   
453
–––453
  
499
–––499
   
511
–––511
  
562
–––562
   
619
–––619
  
681
–––681
   
750
–––750
  
825
–––825
   
909
–––909
  
1,000
–––1K0
   
1,100
–––1K1
  
1,210
–––1K21    
1,330
–––1K33
  
1,500
–––1K5
   
1,620
–––1K62
  
1,820
–––1K82    
2,000
–––2K0
   
2,210
–––2K21
  
2,490
–––2K49    
2,740
–––2K74
  
3,010
–––3K01    
3,320
–––3K32
  
3,740
–––3K74
  
4,020
–––4K02
  
4,530
–––4K53
  
4,990
–––4K99
  
5,110
–––5K11
  
5,620
–––5K62
  
6,190
–––6K19
  
6,810
–––6K81
  
7,500
–––7K5
  
8,250
–––8K25
  
9,090
–––9K09
  
10,000
–––10K
  
10,500
–––10K5
  
11,000
–––11K
  
12,100
–––12K1
  
13,300
–––13K3
  
15,000
–––15K
  
16,200
–––16K2
  
18,200
–––18K2
  
20,000
–––20K
  
22,100
–––22K1
 
24,900
–––24K9
 
27,400
–––27K4  
30,100
–––30K1  
33,200
–––33K2  
37,400
–––37K4  
38,300
–––38K3  
40,200
–––40K2  
45,300
–––45K3  
49,900
–––49K9  
51,100
–––51K1  
56,200
–––56K2  
61,900
–––61K9  
68,100
–––68K1  
75,000
–––75K
 
82,500
–––82K5
90,900
–––90K9
100,000
–––100K
150,000
–––150K
200,000
–––200K
= Standard values
= Non-standard values
subject to minimum
handling charge per
item
Shaded values involve
very fine resistance wire
and should not be used
in critical applications
without burn-in and/or
thermal cycling.
L
D
1.5 /
38.1
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
O R D E R I N G I N F O R M A T I O N
8 1 N J R 1 0
80 Series
Acrasil®
Silicone Ceramic
Conformal Axial
Term. Wirewound
Resistance Value
R10 = 0.10Ω
1R0 = 1.0Ω
10R = 10.0Ω
250 =
250Ω
1K0 = 1,000Ω
4K5 = 4,500Ω
50K = 50,000Ω
Tolerance
F= 1%
J = 5%
Wattage
1 = 1W
2
3
5
0 = 10W
Non-Inductive Winding
Optional (blank = std. winding)
Ohmite’s highest quality conformal axial terminal silicone-ceram-
ic coated resistors for applications requiring high precision and
stability. These resistors have a low temperature coefficient and
maintain a high degree of stability under demanding conditions.
This product will
not be made avail-
able as RoHS
Compliant.
For RoHS
Compliant equiva-
lent, see
40 Series.
RW Series
Military grade
Resistance Value
R100 = 0.1�
1R00 = 1.0�
10R0 = 10.0�
1000 = 100�
1001 = 1000�
� � � � � � � � � �
Tolerance
F = 1%
J = 5%
1002 = 10K�
1503 = 150K�
Commercial Grade
Military Grade
Check product availability at
www.ohmite.com


Similar Part No. - 80JR10

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
80J OHMITE-80J Datasheet
336Kb / 2P
Military Grade 80 Series MIL-R-26 Qualified
More results

Similar Description - 80JR10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RN60D3483FR36 VISHAY-RN60D3483FR36 Datasheet
160Kb / 5P
Metal Film Resistors, Military MIL-R-10509 Qualified, Type RN and MIL-PRF-22684 Qualified, Type RL
28-Aug-06
ERH VISHAY-ERH Datasheet
230Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
29-May-08
ESS VISHAY-ESS_08 Datasheet
170Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
22-Oct-08
G-1-80 VISHAY-G-1-80 Datasheet
192Kb / 3P
Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
22-Mar-06
RN55E1002BR36 VISHAY-RN55E1002BR36 Datasheet
158Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
11-Mar-10
RN50C1501FB14 VISHAY-RN50C1501FB14 Datasheet
154Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified
02-May-13
RN55D2742F VISHAY-RN55D2742F Datasheet
154Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
02-May-13
RN55D5621F VISHAY-RN55D5621F Datasheet
154Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
02-May-13
CMF VISHAY-CMF Datasheet
146Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
02-May-13
logo
Ohmite Mfg. Co.
80SERIES OHMITE-80SERIES Datasheet
336Kb / 2P
Military Grade 80 Series MIL-R-26 Qualified
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com