Electronic Components Datasheet Search
  English  ▼

X  

TPA4860 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPA4860
Description  1-W MONO AUDIO POWER AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA4860 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA4860 Datasheet HTML 17Page - Texas Instruments TPA4860 Datasheet HTML 18Page - Texas Instruments TPA4860 Datasheet HTML 19Page - Texas Instruments TPA4860 Datasheet HTML 20Page - Texas Instruments TPA4860 Datasheet HTML 21Page - Texas Instruments TPA4860 Datasheet HTML 22Page - Texas Instruments TPA4860 Datasheet HTML 23Page - Texas Instruments TPA4860 Datasheet HTML 24Page - Texas Instruments TPA4860 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TPA4860
1-W MONO AUDIO POWER AMPLIFIER
SLOS164A – SEPTEMBER 1996 – REVISED MARCH 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
single-ended operation (continued)
The output coupling capacitor required in single-supply SE mode also places additional constraints on the
selection of other components in the amplifier circuit. The rules described earlier still hold with the addition of
the following relationship:
(12)
1
C
B
25 k
Ω
v
1
C
I RI
1
R
LCC
output coupling capacitor, CC
In the typical single-supply SE configuration, an output coupling capacitor (CC) is required to block the dc bias
at the output of the amplifier thus preventing dc currents in the load. As with the input coupling capacitor, the
output coupling capacitor and impedance of the load form a high-pass filter governed by equation 13.
(13)
f
chigh +
1
2
pR
L CC
The main disadvantage, from a performance standpoint, is that the load impedances are typically small, which
drives the low-frequency corner higher. Large values of CC are required to pass low frequencies into the load.
Consider the example where a CC of 68 µF is chosen and loads vary from 8 Ω, 32 Ω, to 47 kΩ. Table 2
summarizes the frequency response characteristics of each configuration.
Table 2. Common Load Impedances vs Low Frequency Output Characteristics in SE Mode
RL
CC
LOWEST FREQUENCY
8
Ω
68
µF
293 Hz
32
Ω
68
µF
73 Hz
47,000
Ω
68
µF
0.05 Hz
As Table 2 indicates, most of the bass response is attenuated into 8-
Ω loads while headphone response is
adequate and drive into line level inputs (a home stereo for example) is very good.
headphone sense circuitry, Rpu
The TPA4860 is commonly used in systems where there is an internal speaker and a jack for driving external
loads (i.e., headphones). In these applications, it is usually desirable to mute the internal speaker(s) when the
external load is in use. The headphone inputs (HP-1, HP-2) and headphone output (HP-SENSE) of the TPA4860
were specifically designed for this purpose. Many standard headphone jacks are available with an internal
single-pole single-throw (SPST) switch that makes or breaks a circuit when the headphone plug is inserted.
Asserting either or both HP-1 and/or HP-2 high mutes the output stage of the amplifier and causes HP-SENSE
to go high. In battery-powered applications where power conservation is critical HP-SENSE can be connected
to the shutdown input as shown in Figure 39. This places the amplifier in a very low current state for maximum
power savings. Pullup resistors in the range from 1 k
Ω to 10 kΩ are recommended for 5-V and 3.3-V operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com