Electronic Components Datasheet Search
  English  ▼

X  

2SB1102 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SB1102
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SB1102 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SB1102 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB1102 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB1102 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JMnic
Product Specification
2
Silicon PNP Power Transistors
2SB1102
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-25mA ,IB=0
-80
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-50mA ,IC=0
-7
V
VCEsat -1
Collector-emitter saturation voltage
IC=-2A; IB=-4mA
-1.5
V
VCEsat -2
Collector-emitter saturation voltage
IC=-4A; IB=-40mA
-3.0
V
VBEsat-1
Base-emitter saturation voltage
IC=-2A; IB=-4mA
-2.0
V
VBEsat-2
Base-emitter saturation voltage
IC=-4A; IB=-40mA
-3.5
V
ICBO
Collector cut-off current
VCB=-60V; IE=0
-100
μA
ICEO
Collecto cut-off current
VCE=-50V; IB=0
-10
μA
hFE
DC current gain
IC=-2A ; VCE=-3V
1000
20000
VD
Diode forward voltage
ID=4A;
3.0
V
Switching times
ton
Turn-on time
0.8
μs
ts
Storage time
4.0
μs
tf
Fall time
IC=-2A IB1=-IB2=-4mA
1.0
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com