Electronic Components Datasheet Search
  English  ▼

X  

TPA701 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA701
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA701 Datasheet(HTML) 2 Page - Texas Instruments

  TPA701 Datasheet HTML 1Page - Texas Instruments TPA701 Datasheet HTML 2Page - Texas Instruments TPA701 Datasheet HTML 3Page - Texas Instruments TPA701 Datasheet HTML 4Page - Texas Instruments TPA701 Datasheet HTML 5Page - Texas Instruments TPA701 Datasheet HTML 6Page - Texas Instruments TPA701 Datasheet HTML 7Page - Texas Instruments TPA701 Datasheet HTML 8Page - Texas Instruments TPA701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPA701
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
SLOS229B – NOVEMBER1998 – REVISED MARCH 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
MSOP
TA
SMALL OUTLINE†
(D)
MSOP‡
(DGN)
MSOP
SYMBOLIZATION
–40
°C to 85°C
TPA701D
TPA701DGN
ABA
† In the SOIC package, the maximum RMS output power is thermally limited to 350 mW; 700 mW
peaks can be driven, as long as the RMS value is less than 350 mW.
‡ The D and DGN packages are available taped and reeled. To order a taped and reeled part, add
the suffix R to the part number (e.g., TPA701DR).
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BYPASS
2
I
BYPASS is the tap to the voltage divider for internal mid-supply bias. This terminal should be connected to
a 0.1-
µF to 2.2-µF capacitor when used as an audio amplifier.
GND
7
GND is the ground connection.
IN –
4
I
IN – is the inverting input. IN – is typically used as the audio input terminal.
IN+
3
I
IN + is the noninverting input. IN + is typically tied to the BYPASS terminal.
SHUTDOWN
1
I
SHUTDOWN places the entire device in shutdown mode when held high (IDD = 1.5 nA).
VDD
6
VDD is the supply voltage terminal.
VO+
5
O
VO+ is the positive BTL output.
VO–
8
O
VO– is the negative BTL output.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)§
Supply voltage, VDD
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
–0.3 V to VDD +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
internally limited (see Dissipation Rating Table)
. . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
§ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
D
725 mW
5.8 mW/
°C
464 mW
377 mW
DGN
2.14 W¶
17.1 mW/
°C
1.37 W
1.11 W
¶ Please see the Texas Instruments document, PowerPAD Thermally Enhanced Package Application Report
(literature number SLMA002), for more information on the PowerPAD package. The thermal data was
measured on a PCB layout based on the information in the section entitled
Texas Instruments Recommended
Board for PowerPAD on page 33 of the before mentioned document.
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
2.5
5.5
V
Operating free-air temperature, TA
–40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com