Electronic Components Datasheet Search
  English  ▼

X  

ASM1834 Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM1834
Description  Dual 5V and 3.3V 關P Power Supply Supervisor with Manual Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM1834 Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM1834 Datasheet HTML 1Page - PulseCore Semiconductor ASM1834 Datasheet HTML 2Page - PulseCore Semiconductor ASM1834 Datasheet HTML 3Page - PulseCore Semiconductor ASM1834 Datasheet HTML 4Page - PulseCore Semiconductor ASM1834 Datasheet HTML 5Page - PulseCore Semiconductor ASM1834 Datasheet HTML 6Page - PulseCore Semiconductor ASM1834 Datasheet HTML 7Page - PulseCore Semiconductor ASM1834 Datasheet HTML 8Page - PulseCore Semiconductor ASM1834 Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
Notice: The information in this document is subject to change without notice
Dual 5V and 3.3V µP Power Supply Supervisor with Manual Reset
November 2006
ASM1834/A/D
rev 1.5
Detailed Description
Operation Power Monitor
The ASM1834 supervisors simultaneously detect out-of-
tolerance power supply conditions on both 3.3V and 5V
power supplies. If the voltages at 5VIN or 3.3VIN are outside
the tolerance band, the reset for the falling supply voltage
becomes active. When the monitored supply returns to an in-
tolerance state, the reset remains active for approximately
350ms before returning to the inactive state.
On power-up, the reset signals are kept active for
approximately 350ms after the power supply voltages have
reached the selected tolerance. This allows the power supply
and microprocessor to stabilize before the reset is removed.
All supply current for the ASM1834 devices is drawn from the
input (5VIN or 3.3VIN) with the highest voltage level. The
outputs draw current from their input supplies 5VIN and
3.3VIN.
Reset Signal Polarity and Output Stage Structure
The ASM1834 and the ASM1834A supervisors have active
LOW reset signals. The ASM1834D reset outputs are active
HIGH.
The ASM1834 and the ASM1834D have CMOS push-pull
output stages. The ASM1834A has open drain reset outputs.
Part #
RESET
Polarity
Output Stage
Configuration
ASM1834
LOW
Push-Pull
ASM1834U
LOW
Push-Pull
ASM1834S
LOW
Push-Pull
ASM1834A
LOW
Open Drain
ASM1834AU
LOW
Open Drain
ASM1834AS
LOW
Open Drain
ASM1834D
HIGH
Push-Pull
ASM1834DU
HIGH
Push-Pull
ASM1834DS
HIGH
Push-Pull
VOH
VOL
tRPU
RESET
RESET
VINTP(MIN)
VINTP(MAX)
VINTP
tR
VIN
Figure 1: Timing Diagram: Power Up (ASM1834D only)
VOH
VOL
VINTP (MAX)
VINTP
VINTP (MIN)
RESET
RESET
tF
VIN
tRPD
Figure 2: Timing Diagram: Power Down (ASM1834D only)
RESET Slews
with VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com