Electronic Components Datasheet Search
  English  ▼

X  

P2180 Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # P2180
Description  Peak Reducing EMI Solution
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2180 Datasheet(HTML) 4 Page - PulseCore Semiconductor

  P2180 Datasheet HTML 1Page - PulseCore Semiconductor P2180 Datasheet HTML 2Page - PulseCore Semiconductor P2180 Datasheet HTML 3Page - PulseCore Semiconductor P2180 Datasheet HTML 4Page - PulseCore Semiconductor P2180 Datasheet HTML 5Page - PulseCore Semiconductor P2180 Datasheet HTML 6Page - PulseCore Semiconductor P2180 Datasheet HTML 7Page - PulseCore Semiconductor P2180 Datasheet HTML 8Page - PulseCore Semiconductor P2180 Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Low EMI Clock for Mobile VGA
4 of 9
November 2006
P2180 / 81 / 82 / 83 / 84
rev 1.1
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics
Unless otherwise noted, VDD = 3.3V and TA =25°C
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND – 0.3
-
0.8
V
VIH
Input high voltage
-
-
VDD + 0.3
V
IIL
Input low current (input SRS)
-60.0
-
-20.0
µA
IIH
Input high current
-
-
1.00
µA
IXOL
XOUT output low current (@ 0.4V, VDD = 3.3V)
2.00
-
12.00
mA
IXOH
XOUT output high current (@2.5V, VDD = 3.3V)
-
-
12.00
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 20mA)
-
-
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = 20mA)
2.8
-
-
V
ICC
Dynamic supply current normal mode (3.3V and
10pF loading)
8.6 fIN - min
-
27.0 fIN - max
mA
IDD
Static supply current standby mode
-
4.5
-
mA
VDD
Operating voltage
-
3.3
-
V
tON
Power up time (first locked clock cycle after power
up)
-
-
-
mS
ZOUT
Clock output impedance
-
-
-
Ω
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
10
-
160
MHz
fOUT
Output frequency
10
-
160
MHz
tLH*
Output rise time (measured at 0.8V to 2.0V)
-
0.69
-
ns
tHL*
Output fall time (measured at 2.0V to 0.8V)
-
0.66
-
ns
tJC
Jitter (cycle to cycle)
-200
-
200
ps
tD
Output duty cycle
45
50
55
%
* tLH and tHL are measured into a capacitive load of 15pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com