Electronic Components Datasheet Search
  English  ▼

X  

TPIC1502DW Datasheet(PDF) 14 Page - Texas Instruments

Part # TPIC1502DW
Description  QUAD AND HEX POWER DMOS ARRAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC1502DW Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPIC1502DW Datasheet HTML 8Page - Texas Instruments TPIC1502DW Datasheet HTML 9Page - Texas Instruments TPIC1502DW Datasheet HTML 10Page - Texas Instruments TPIC1502DW Datasheet HTML 11Page - Texas Instruments TPIC1502DW Datasheet HTML 12Page - Texas Instruments TPIC1502DW Datasheet HTML 13Page - Texas Instruments TPIC1502DW Datasheet HTML 14Page - Texas Instruments TPIC1502DW Datasheet HTML 15Page - Texas Instruments TPIC1502DW Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
TPIC1502
QUAD AND HEX POWER DMOS ARRAY
SLIS054 – OCTOBER 1996
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
THERMAL INFORMATION
1
0.1
100
0.1
1
10
100
VDS – Drain-to-Source Voltage – V
MAXIMUM DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
θJA‡
θJC§
10 ms¶
1 ms†
500
µs†
DC Conditions
TC = 25°C
Q1A, Q1B, Q2A, Q2B
Figure 24
1
0.1
100
0.1
1
10
100
VDS – Drain-to-Source Voltage – V
MAXIMUM DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
TC = 25°C
Q3A, Q3B, Q4A, Q4B, Q5A, Q5B
DC Conditions
θJC§
θJA‡
500
µs†
10 ms¶
1 ms†
Figure 25
† Less than 10% duty cycle
‡ Device is mounted on a 24 in2, 4 layer FR4 printed-circuit board.
§ Device is mounted in intimate contact with infinite heatsink.
¶ Less than 2% duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com