Electronic Components Datasheet Search
  English  ▼

X  

P2008A Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # P2008A
Description  General Purpose EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2008A Datasheet(HTML) 1 Page - PulseCore Semiconductor

  P2008A Datasheet HTML 1Page - PulseCore Semiconductor P2008A Datasheet HTML 2Page - PulseCore Semiconductor P2008A Datasheet HTML 3Page - PulseCore Semiconductor P2008A Datasheet HTML 4Page - PulseCore Semiconductor P2008A Datasheet HTML 5Page - PulseCore Semiconductor P2008A Datasheet HTML 6Page - PulseCore Semiconductor P2008A Datasheet HTML 7Page - PulseCore Semiconductor P2008A Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2006
P2008A
rev 1.4
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
General Purpose EMI Reduction IC
Features
•
FCC approved method of EMI attenuation.
•
Provides up to 15dB of EMI suppression.
•
Generates a 1X or ½ X low EMI spread
spectrum clock of the input frequency.
•
Input frequency range: 4MHz to 32MHz.
•
Internal
loop
filter
minimizes
external
components and board space.
•
Spreading ranges from ±0.8% to ±3.2%.
•
SSON# control pin for spread spectrum enable
and disable options.
•
Low Cycle-to-Cycle jitter.
•
3.3V Operating Voltage.
•
Ultra-low power CMOS design.
•
Available in 8-pin SOIC and TSSOP Packages.
Product Description
The P2008A is a versatile spread spectrum frequency
modulator designed specifically for digital camera and
other digital video and imaging applications. The P2008A
reduces electromagnetic interference (EMI) at the clock
source, allowing system wide reduction of EMI of down
stream clock and data dependent signals. The P2008A
allows significant system cost savings by reducing the
number of circuit board layers ferrite beads, shielding
and other passive components that are traditionally
required to pass EMI regulations.
The P2008A uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented in a proprietary all digital method.
The P2008A modulates the output of a single PLL in
order to “spread” the bandwidth of a synthesized clock,
and more importantly, decreases the peak amplitudes of
its harmonics. This results in significantly lower system
EMI compared to the typical narrow band signal produced
by oscillators and most frequency generators. Lowering
EMI by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation’.
Applications
The P2008A is targeted towards cable, xDSL, fax
modem, set-top box, USB controller, DSC, and other
embedded systems.
Block Diagram
VSS
VDD
XIN/CLKIN
Frequenc
y
Feedbac
k
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
ModOUT
PLL
SSON#
DIV2
SR0
Crystal
Oscillator
XOUT


Similar Part No. - P2008A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2008A ALSC-P2008A Datasheet
172Kb / 9P
General Purpose EMI Reduction IC
logo
ON Semiconductor
P2008A ONSEMI-P2008A Datasheet
124Kb / 7P
General Purpose EMI Reduction IC
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
P2008A-08SR ALSC-P2008A-08SR Datasheet
172Kb / 9P
General Purpose EMI Reduction IC
P2008A-08ST ALSC-P2008A-08ST Datasheet
172Kb / 9P
General Purpose EMI Reduction IC
P2008A-08TR ALSC-P2008A-08TR Datasheet
172Kb / 9P
General Purpose EMI Reduction IC
More results

Similar Description - P2008A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2008A ALSC-P2008A Datasheet
172Kb / 9P
General Purpose EMI Reduction IC
P2027A ALSC-P2027A Datasheet
549Kb / 9P
General Purpose EMI Reduction IC
P2681A ALSC-P2681A Datasheet
471Kb / 10P
General Purpose EMI Reduction IC
P2781 ALSC-P2781 Datasheet
169Kb / 11P
General Purpose EMI Reduction IC
logo
PulseCore Semiconductor
P2027A PULSECORE-P2027A Datasheet
176Kb / 8P
General Purpose EMI Reduction IC
P2781 PULSECORE-P2781 Datasheet
184Kb / 11P
General Purpose EMI Reduction IC
logo
ON Semiconductor
P2781 ONSEMI-P2781 Datasheet
154Kb / 8P
General Purpose EMI Reduction IC
JANUARY 2010 ??Rev. 2
P2008A ONSEMI-P2008A Datasheet
124Kb / 7P
General Purpose EMI Reduction IC
August, 2011 ??Rev. 3
P2027A ONSEMI-P2027A Datasheet
112Kb / 7P
General Purpose EMI Reduction IC
August, 2011 ??Rev. 2
PCS3P8504A ONSEMI-PCS3P8504A_17 Datasheet
77Kb / 6P
General Purpose Peak EMI Reduction IC
June, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com