Electronic Components Datasheet Search
  English  ▼

X  

P2010A Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # P2010A
Description  Low Frequency EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2010A Datasheet(HTML) 1 Page - PulseCore Semiconductor

  P2010A Datasheet HTML 1Page - PulseCore Semiconductor P2010A Datasheet HTML 2Page - PulseCore Semiconductor P2010A Datasheet HTML 3Page - PulseCore Semiconductor P2010A Datasheet HTML 4Page - PulseCore Semiconductor P2010A Datasheet HTML 5Page - PulseCore Semiconductor P2010A Datasheet HTML 6Page - PulseCore Semiconductor P2010A Datasheet HTML 7Page - PulseCore Semiconductor P2010A Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2006
P2010A
rev 0.2
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Low Frequency EMI Reduction IC
Features
•
FCC approved method of EMI attenuation
•
Provides up to 20dB of EMI suppression
•
Generates a low EMI spread spectrum clock of the
input frequency
•
Optimized for 10MHz to 35MHz input frequency
range
•
Internal loop filter minimizes external components
and board space
•
4 selectable spread ranges
•
SSON control pin for spread spectrum enable and
disable options
•
Low Cycle-to-cycle jitter
•
Wide operating range (3V to 5V)
•
16mA output drives
•
TTL or CMOS compatible outputs
•
Low power CMOS design
•
Available in 8 pin SOIC and TSSOP Packages
Product Description
The P2010A is a selectable spread spectrum frequency
modulator designed specifically for PC peripheral and
embedded controller markets. The P2010A reduces
electromagnetic interference (EMI) at the clock source
which provides system wide reduction of EMI of all clock
dependent signals. The P2010A allows significant system
cost savings by reducing the number of circuit board layers
and shielding that are traditionally required to pass EMI
regulations.
The P2010A uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented in a proprietary all-digital method.
The P2010A modulates the output of a single PLL in order
to “spread” the bandwidth of a synthesized clock and, more
importantly, decreases the peak amplitudes of its
harmonics. This results in significantly lower system EMI
compared to the typical narrow band signal produced by
oscillators and most frequency generators. Lowering EMI
by increasing a signal’s bandwidth is called “spread
spectrum clock generation”.
Applications
The P2010A is targeted towards the embedded controller
market and PC peripheral markets including scanners,
facsimile, MFP’s, printers, PDA, IA, and GPS devices
.
Block Diagram
XOUT
XIN
ModOUT
VSS
Frequency
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
PLL
VDD
SSON
FS0
SR1
Crystal
Oscillator


Similar Part No. - P2010A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2010A ALSC-P2010A Datasheet
457Kb / 9P
Low Frequency EMI Reduction IC
logo
ON Semiconductor
P2010A ONSEMI-P2010A Datasheet
111Kb / 7P
Low Frequency EMI Reduction IC
August, 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2010A-08SR ALSC-P2010A-08SR Datasheet
457Kb / 9P
Low Frequency EMI Reduction IC
P2010A-08ST ALSC-P2010A-08ST Datasheet
457Kb / 9P
Low Frequency EMI Reduction IC
P2010A-08TR ALSC-P2010A-08TR Datasheet
457Kb / 9P
Low Frequency EMI Reduction IC
More results

Similar Description - P2010A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3X2105A ALSC-ASM3X2105A Datasheet
455Kb / 10P
Low Frequency EMI Reduction
P2005A ALSC-P2005A Datasheet
459Kb / 10P
Low Frequency EMI Reduction IC
P2010A ALSC-P2010A Datasheet
457Kb / 9P
Low Frequency EMI Reduction IC
logo
PulseCore Semiconductor
P2005A PULSECORE-P2005A Datasheet
347Kb / 8P
Low Frequency EMI Reduction IC
P2560B PULSECORE-P2560B Datasheet
328Kb / 8P
Low Frequency EMI Reduction
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
Low Frequency Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P2005A ONSEMI-P2005A Datasheet
128Kb / 7P
A Low Frequency EMI Reduction IC
August, 2011 ??Rev. P3
ASM3P622S00B ONSEMI-ASM3P622S00B Datasheet
177Kb / 13P
Low Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
P2010A ONSEMI-P2010A Datasheet
111Kb / 7P
Low Frequency EMI Reduction IC
August, 2011 ??Rev. 2
P2560B ONSEMI-P2560B Datasheet
108Kb / 6P
Low Frequency EMI Reduction
August, 2011 ??Rev. P3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com