Electronic Components Datasheet Search
  English  ▼

X  

P2040B Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # P2040B
Description  LCD Panel EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2040B Datasheet(HTML) 4 Page - PulseCore Semiconductor

  P2040B Datasheet HTML 1Page - PulseCore Semiconductor P2040B Datasheet HTML 2Page - PulseCore Semiconductor P2040B Datasheet HTML 3Page - PulseCore Semiconductor P2040B Datasheet HTML 4Page - PulseCore Semiconductor P2040B Datasheet HTML 5Page - PulseCore Semiconductor P2040B Datasheet HTML 6Page - PulseCore Semiconductor P2040B Datasheet HTML 7Page - PulseCore Semiconductor P2040B Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
November 2006
P2040B
rev 0.2
LCD Panel EMI Reduction IC
4 of 8
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input Low voltage
VSS – 0.3
-
0.8
V
VIH
Input High voltage
2.0
-
VDD + 0.3
V
IIL
Input Low current
(100KΩ input pull-up resistor on inputs SR0, CP1and CP0)
-
-
-35
µA
IIH
Input High current
(100KΩ input pull-low resistor on input SSON#)
-
-
35
µA
VOL
Output Low current
VDD = 3.3V, IOL = 20mA
-
-
0.4
V
VOH
Output High current
VDD = 3.3V, IOH = 20mA
2.5
-
-
V
IDD
Static Supply Current
-
0.6
-
mA
ICC
Dynamic Supply Current (3.3V and 15pF loading)
9
16
22
mA
VDD
Operating Voltage
3.0
3.3
3.6
V
tON
Power up time (first locked clock cycle after power up)
-
0.18
-
mS
ZOUT
Clock Output impedance
-
50
-
Ω
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input Frequency
30
-
100
MHz
fOUT
Output Frequency
30
-
100
MHz
tLH
1
Output Rise time
Measured at 0.8V to 2.0V
0.7
0.9
1.1
nS
tHL
1
Output Fall time
Measured at 2.0V to 0.8V
0.6
0.8
1.0
nS
tJC
Jitter (cycle to cycle)
-
360
-
pS
tD
Output Duty cycle
45
50
55
%
Note: 1. tLH and tHL are measured into a capacitive load of 15pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com