Electronic Components Datasheet Search
  English  ▼

X  

ASM690ACPAF Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASM690ACPAF
Description  關P Power Supply Supervisor With Battery Backup Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM690ACPAF Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASM690ACPAF Datasheet HTML 1Page - PulseCore Semiconductor ASM690ACPAF Datasheet HTML 2Page - PulseCore Semiconductor ASM690ACPAF Datasheet HTML 3Page - PulseCore Semiconductor ASM690ACPAF Datasheet HTML 4Page - PulseCore Semiconductor ASM690ACPAF Datasheet HTML 5Page - PulseCore Semiconductor ASM690ACPAF Datasheet HTML 6Page - PulseCore Semiconductor ASM690ACPAF Datasheet HTML 7Page - PulseCore Semiconductor ASM690ACPAF Datasheet HTML 8Page - PulseCore Semiconductor ASM690ACPAF Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ASM690A/692A
ASM802L/802M
April 2008
ASM805L
rev 1.7
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200 Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
µP Power Supply Supervisor With Battery Backup Switch
General Description
The ASM690A / ASM692A / ASM802L / ASM802M /
ASM805L offers complete single chip solutions for power
supply monitoring and control battery functions in
microprocessor systems. Each device implements four
functions: Reset control, watchdog monitoring, battery-
backup switching and powerfailure monitoring. In addition
to microprocessor reset under power-up and power-down
conditions,
these
devices
provide
battery-backup
switching to maintain control in power loss and brown-out
situations. Additional monitoring capabilities can provide
an early warning of unregulated power supply loss before
the voltage regulator drops out. The important features of
these four functions are:
• 1.6 second watchdog timer to keep microprocessor
responsive
• 4.40V or 4.65V VCC threshold for microprocessor reset
at power-up and power-down
• SPDT (Single-pole, Double-throw) PMOS switch
connects backup power to RAM if VCC fails
• 1.25V threshold detector for power loss or general
purpose voltage monitoring
These features are pin-compatible with the industry
standard power-supply supervisors. Short-circuit and
thermal protection have also been added. The ASM690A
/ ASM802L / ASM805L generate a reset pulse when the
supply voltage drops below 4.65V and the ASM692A /
ASM802M generate a reset below 4.40V. The ASM802L /
ASM802M have power-fail accuracy to ± 2%. The
ASM805L is the same as the ASM690A except that
RESET is provided instead of RESET.
Features
• Two precision supply-voltage monitor options
4.65V (ASM690A / ASM802L / ASM805L)
4.40V (ASM692A / ASM802M )
• Battery-backup power switch on-chip
• Watchdog timer: 1.6 second timeout
• Power failure / low battery detection
• Short circuit protection and thermal limiting
• Small 8-pin SO and 8-pin PDIP packages
• No external components
• Specified over full temperature range
Applications
• Embedded control systems
• Portable/Battery operated systems
• Intelligent instruments
• Wireless instruments
• Wireless communication systems
• PDAs and hand-held equipments
• µP / µC power supply monitoring
• Safety system
Typical Operating Circuit
Block Diagram


Similar Part No. - ASM690ACPAF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM690ACPAF ONSEMI-ASM690ACPAF Datasheet
202Kb / 12P
Power Supply Supervisor
August, 2011 ??Rev. 3
More results

Similar Description - ASM690ACPAF

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC70 TELCOM-TC70 Datasheet
89Kb / 7P
MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
logo
Alliance Semiconductor ...
ASM690 ALSC-ASM690 Datasheet
323Kb / 13P
UP Power Supply Supervisor With Battery Backup Switch
logo
Texas Instruments
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
Adustable battery-backup supervisor for ram retention
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com