Electronic Components Datasheet Search
  English  ▼

X  

TPIC2601 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPIC2601
Description  6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2601 Datasheet(HTML) 3 Page - Texas Instruments

  TPIC2601 Datasheet HTML 1Page - Texas Instruments TPIC2601 Datasheet HTML 2Page - Texas Instruments TPIC2601 Datasheet HTML 3Page - Texas Instruments TPIC2601 Datasheet HTML 4Page - Texas Instruments TPIC2601 Datasheet HTML 5Page - Texas Instruments TPIC2601 Datasheet HTML 6Page - Texas Instruments TPIC2601 Datasheet HTML 7Page - Texas Instruments TPIC2601 Datasheet HTML 8Page - Texas Instruments TPIC2601 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TPIC2601
6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
SLIS048A – NOVEMBER 1996 – REVISED JANUARY 1998
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
source-to-drain diode characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
trr(SD) Reverse-recovery time
IS = 1 A,
VGS 0
VDS = 48 V,
di/dt
100 A/
µs
72
ns
Q
Total diode charge
VGS = 0,
di/dt = 100 A/
µs,
180
nC
QRR
Total diode charge
See Figures 1 and 14
180
nC
resistive-load switching characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(on)
Delay time, VGS↑ to VDS↓ turn on
194
td(off)
Delay time, VGS↓ to VDS↑ turn off
VDD = 25 V,
RL = 25 Ω,ten = 10 ns,
430
ns
tr
Rise time, VDS
DD
,
tdis = 10 ns,
L
,
See Figure 2
en
,
90
ns
tf
Fall time, VDS
180
Qg
Total gate charge
V48 V
I1 A
V10 V
5.1
6.4
Qgs(th) Threshold gate-to-source charge
VDD = 48 V,
See Figure 3
ID = 1 A,
VGS = 10 V,
0.5
0.63
nC
Qgd
Gate-to-drain charge
See Figure 3
2.75
3.4
LD
Internal drain inductance
5
nH
LS
Internal source inductance
5
nH
Rg
Internal gate resistance
500
Ω
thermal resistance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R
θJA
Junction-to-ambient thermal resistance
All outputs with equal power
72
R
θJC Junction-to-case thermal resistance
All outputs with equal power
4
°C/W
R
θJC Junction-to-case thermal resistance
One output dissipating power
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com