Electronic Components Datasheet Search
  English  ▼

X  

PCS3P2189A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS3P2189A
Description  Spread Spectrum Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P2189A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS3P2189A Datasheet HTML 1Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 2Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 3Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 4Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 5Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 6Page - PulseCore Semiconductor PCS3P2189A Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
September 2006
PCS3P2189A
rev 0.1
Spread Spectrum Clock Generator
2 of 7
Notice: The information in this document is subject to change without notice.
Pin Configurations
Pin Description
Pin#
Pin Name
Type
Description
1
CLKIN / XIN
I
Crystal connection or external reference frequency input. This pin has dual
functions. It can be connected either to an external crystal or an external reference
clock.
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left
unconnected.
3
SSON
I
Modulation enables pin. When HIGH enables spread spectrum modulation. Has an
Internal pull up resistor
4
S1
I
Spread range select. Digital logic input used to select frequency deviation
(Refer Spread Deviation Table). This pin has an internal pull-up resistor.
5
S0
O
Spread range select. Digital logic input used to select frequency deviation
(Refer Spread Deviation Table). This pin has an internal pull-up resistor.
6
VSS
P
Ground Connection. Connect to system ground.
7
ModOUT
O
Low EMI 4x clock output.
8
VDD
P
Power Supply Voltage Pin. Connect to +3.3V.
Spread Deviation Selection Table
S1
S0
Deviation
0
0
± 0.5%
0
1
± 1.0%
1
0
± 1.5%
1
1
± 2.0%
Modulation Enable Setting Table
SSON
Modulation
L
No Modulation
H
Modulation
6
S0
1
2
3
4
5
7
8
PCS3P2189A
CLKIN / XIN
XOUT
S1
ModOUT
VSS
SSON
VDD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com