Electronic Components Datasheet Search
  English  ▼

X  

PCS5I9775 Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS5I9775
Description  2.5V or 3.3V, 200MHz, 14 Output Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5I9775 Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS5I9775 Datasheet HTML 1Page - PulseCore Semiconductor PCS5I9775 Datasheet HTML 2Page - PulseCore Semiconductor PCS5I9775 Datasheet HTML 3Page - PulseCore Semiconductor PCS5I9775 Datasheet HTML 4Page - PulseCore Semiconductor PCS5I9775 Datasheet HTML 5Page - PulseCore Semiconductor PCS5I9775 Datasheet HTML 6Page - PulseCore Semiconductor PCS5I9775 Datasheet HTML 7Page - PulseCore Semiconductor PCS5I9775 Datasheet HTML 8Page - PulseCore Semiconductor PCS5I9775 Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
September 2006
PCS5I9775
rev 0.4
2.5V or 3.3V, 200MHz, 14 Output Zero Delay Buffer
2 of 12
Notice: The information in this document is subject to change without notice.
Pin Configuration
VSS
1
2
4
3
5
6
7
8
9
10
11
52 51 50 49 48 47 46 45 44
41 40
14 15 16 17 18 19 20 21 22 23 24
39
38
37
36
35
34
33
32
31
30
29
MR#/OE
CLK_STP#
SELC
PLL_EN
SELA
TCLK_SEL
TCLK0
TCLK1
VCO_SEL1
SELB
FB_IN
QB4
VDDQB
QB3
VSS
QB2
VDDQB
QB1
VSS
VSS
FB_OUT
PCS5I9775
12
13
25 26
27
28
43 42
VDD
AVDD
VDDFB
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com