| Electronic Components Datasheet Search |
|
PCS5P23Z09C Datasheet(PDF) 13 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
PCS5P23Z09C Datasheet(HTML) 13 Page - PulseCore Semiconductor |
|
13 / 14 page ![]() PCS5P23Z05C May 2007 PCS5P23Z09C rev 0.3 Multiple Output Timing-Safe™ Peak EMI reduction IC 13 of 14 Notice: The information in this document is subject to change without notice. Ordering Codes Ordering Code Marking Package Type Tempeature PCS5P23Z05CG-08-ST 5P23Z05CG 8-pin 150-mil SOIC-TUBE Commercial PCS5P23Z05CG-08-SR 5P23Z05CG 8-pin 150-mil SOIC-TAPE & REEL Commercial PCS5P23Z05CG-08-TT 5P23Z05CG 8-pin 4.4-mm TSSOP - TUBE Commercial PCS5P23Z05CG-08-TR 5P23Z05CG 8-pin 4.4-mm TSSOP - TAPE & REEL Commercial PCS5P23Z09CG-16-ST 5P23Z09CG 16-pin 150-mil SOIC-TUBE Commercial PCS5P23Z09CG-16-SR 5P23Z09CG 16-pin 150-mil SOIC-TAPE & REEL Commercial PCS5P23Z09CG-16-TT 5P23Z09CG 16-pin 4.4-mm TSSOP - TUBE Commercial PCS5P23Z09CG-16-TR 5P23Z09CG 16-pin 4.4-mm TSSOP - TAPE & REEL Commercial Device Ordering Information PCS5P23Z05CG-08-TR Licensed under US patent #5,488,627, #6,646,463 and #5,631,920. O = SOT U = MSOP S = SOIC E = TQFP T = TSSOP L = LQFP A = SSOP U = MSOP V = TVSOP P = PDIP B = BGA D = QSOP Q = QFN X = SC-70 DEVICE PIN COUNT X= Automotive I= Industrial P or n/c = Commercial (-40C to +125C) (-40C to +85C) (0C to +70C) 1 = Reserved 6 = Power Management 2 = Non PLL based 7 = Power Management 3 = EMI Reduction 8 = Power Management 4 = DDR support products 9 = Hi Performance 5 = STD Zero Delay Buffer 0 = Reserved PulseCore Semiconductor Mixed Signal Product PART NUMBER F = LEAD FREE AND RoHS COMPLIANT PART G = GREEN PACKAGE, LEAD FREE, and RoHS R = Tape & Reel, T = Tube or Tray |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |