Electronic Components Datasheet Search
  English  ▼

X  

PCS809 Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # PCS809
Description  3-Pin 關P Voltage Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS809 Datasheet(HTML) 6 Page - PulseCore Semiconductor

  PCS809 Datasheet HTML 1Page - PulseCore Semiconductor PCS809 Datasheet HTML 2Page - PulseCore Semiconductor PCS809 Datasheet HTML 3Page - PulseCore Semiconductor PCS809 Datasheet HTML 4Page - PulseCore Semiconductor PCS809 Datasheet HTML 5Page - PulseCore Semiconductor PCS809 Datasheet HTML 6Page - PulseCore Semiconductor PCS809 Datasheet HTML 7Page - PulseCore Semiconductor PCS809 Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
January 2007
PCS809/PCS810
rev 0.2
3-Pin µP Voltage Supervisor
6 of 8
Notice: The information in this document is subject to change without notice.
Ordering Information
Part #
Threshold Voltage
Temperature Range
Package
Top Marking
PCS809 Push-Pull type
PCS809LIURF
4.6
-40°C to +85°C
3-SOT-23
RA46P
PCS809MIURF
4.4
-40°C to +85°C
3-SOT-23
RA44P
PCS809JIURF
4.0
-40°C to +85°C
3-SOT-23
RA40P
PCS809TIURF
3.1
-40°C to +85°C
3-SOT-23
RA31P
PCS809SIURF
2.9
-40°C to +85°C
3-SOT-23
RA29P
PCS809RIURF
2.6
-40°C to +85°C
3-SOT-23
RA26P
PCS809PIURF
2.3
-40°C to +85°C
3-SOT-23
RA23P
PCS809 N Open- Drain type
PCS809NLIURF
4.6
-40°C to +85°C
3-SOT-23
RB46P
PCS809NMIURF
4.4
-40°C to +85°C
3-SOT-23
RB44P
PCS809NJIURF
4.0
-40°C to +85°C
3-SOT-23
RB40P
PCS809NTIURF
3.1
-40°C to +85°C
3-SOT-23
RB31P
PCS809NSIURF
2.9
-40°C to +85°C
3-SOT-23
RB29P
PCS809NRIURF
2.6
-40°C to +85°C
3-SOT-23
RB26P
PCS809NPIURF
2.3
-40°C to +85°C
3-SOT-23
RB23P
PCS810 ACTIVE HIGH RESET
PCS810LIURF
4.6
-40°C to +85°C
3-SOT-23
RD46P
PCS810MIURF
4.4
-40°C to +85°C
3-SOT-23
RD44P
PCS810JIURF
4.0
-40°C to +85°C
3-SOT-23
RD40P
PCS810TIURF
3.1
-40°C to +85°C
3-SOT-23
RD31P
PCS810SIURF
2.9
-40°C to +85°C
3-SOT-23
RD29P
PCS810RIURF
2.6
-40°C to +85°C
3-SOT-23
RD26P
PCS810PIURF
2.3
-40°C to +85°C
3-SOT-23
RD23P
Note:
For parts to be packed in tape and reel, add “T” at the end of the part number
PulseCore Semiconductor parts are RoHS Compliant. All parts are lead free by default.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com