Electronic Components Datasheet Search
  English  ▼

X  

HC0901P Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HC0901P
Description  Electro-Magnetic Sound Generators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HC0901P Datasheet(HTML) 1 Page - JL World Company Limited.

  HC0901P Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specification (alldatatakenat25°Cunlessotherwisespecified)
Value ApplyingRatedVoltage,RatedFrequency,50%DutySquareWave
H
Electro-MagneticSoundGenerators
www.jlworld.com
Rated
Voltage
(V)
1.5
3
Operating
Voltage
(V)
1~3
1.5~5
H
Rated
Current
(mA)
£
£
80
80
Coil
Resistance
( )
5.5±1
25±3
W
H
SoundOutput
at10cm
(dB)
³
³
85
85
Rated
Frequency
(Hz)
3100
3100
Operating
Temperature
(°C)
-20~+70
-20~+70
Storage
Temperature
(°C)
-30~+80
-30~+80
Weight
(g)
1
1
Model
HC0901P
HC0903P
Dimension
Unit:mm
Tolerance:±0.3mm
FrequencyResponse
AppliedVoltage:3V,50%DutySquareWave
MeasuringDistance:10cm
60
70
80
90
500
1K
2K
3K
5K
10K
Hz
dB
HC09P
Series
ø9.6
PositiveMark
SoundPort
3P
XXX
7.0 4.5
Epoxy


Similar Part No. - HC0901P

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC0901A JLWORLD-HC0901A Datasheet
54Kb / 1P
Electro-Magnetic Sound Generators
HC0901A JLWORLD-HC0901A Datasheet
454Kb / 1P
Electro-Magnetic Sound Generators
HC0901A JLWORLD-HC0901A Datasheet
54Kb / 1P
Value applying Rated Voltage
HC0901A JLWORLD-HC0901A Datasheet
388Kb / 1P
ELECTROMAGNETIC SOUND EMITTERS
HC0901B JLWORLD-HC0901B Datasheet
470Kb / 1P
Electro-Magnetic Sound Generators
More results

Similar Description - HC0901P

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC0901A JLWORLD-HC0901A Datasheet
54Kb / 1P
Electro-Magnetic Sound Generators
HC0901B JLWORLD-HC0901B Datasheet
470Kb / 1P
Electro-Magnetic Sound Generators
HC12G-1P JLWORLD-HC12G-1P Datasheet
63Kb / 1P
Electro-Magnetic Sound Generators
HC12G-3P JLWORLD-HC12G-3P Datasheet
415Kb / 1P
Electro-Magnetic Sound Generators
HCE2306AX JLWORLD-HCE2306AX Datasheet
89Kb / 1P
Electro-Magnetic Sound Generators
HCM0901A JLWORLD-HCM0901A Datasheet
44Kb / 1P
Electro-Magnetic Sound Generators
HCM1601X JLWORLD-HCM1601X Datasheet
91Kb / 1P
Electro-Magnetic Sound Generators
HCS0503C JLWORLD-HCS0503C Datasheet
46Kb / 1P
Electro-Magnetic Sound Generators
HCS0901F JLWORLD-HCS0901F Datasheet
54Kb / 1P
Electro-Magnetic Sound Generators
HCS0901G JLWORLD-HCS0901G Datasheet
55Kb / 1P
Electro-Magnetic Sound Generators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com