Electronic Components Datasheet Search
  English  ▼

X  

TPIC44L03 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPIC44L03
Description  4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC44L03 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPIC44L03 Datasheet HTML 8Page - Texas Instruments TPIC44L03 Datasheet HTML 9Page - Texas Instruments TPIC44L03 Datasheet HTML 10Page - Texas Instruments TPIC44L03 Datasheet HTML 11Page - Texas Instruments TPIC44L03 Datasheet HTML 12Page - Texas Instruments TPIC44L03 Datasheet HTML 13Page - Texas Instruments TPIC44L03 Datasheet HTML 14Page - Texas Instruments TPIC44L03 Datasheet HTML 15Page - Texas Instruments TPIC44L03 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TPIC44L01, TPIC44L02, TPIC44L03
4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
SLIS062A – NOVEMBER 1996 – REVISED SEPTEMBER 1997
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
chipset performance under fault conditions
The TPIC44L01, TPIC44L02, TPIC44L03, and power FET arrays are designed for normal operation over a
battery-voltage range of 8 V to 24 V with load-fault detection from 4.8 V to 34 V. The TPIC44L01, TPIC44L02,
and TPIC44L03 offer on-board fault detection to handle a variety of faults that may occur within a system. The
circuits primary function is to prevent damage to the load and the power FETs in the event that a fault occurs.
Note that unused DRAIN0-DRAIN3 inputs must be connected to VBAT through a pullup resistor to prevent false
reporting of open-load fault conditions. The circuitry detects the fault, shuts off the output to the FET, and reports
the fault to the microcontroller. The primary faults under consideration are:
1.
Shorted-load
2.
Open-load
3.
Over-battery voltage shutdown
4.
Under-battery voltage shutdown (TPIC44L01 and TPIC44L02 only)
NOTE:
An undervoltage fault may be detected when VCC and VBAT are applied to the device. The controller
should initialize the fault register after power up to clear any false fault reports.
shorted-load fault condition
The TPIC44L01, TPIC44L02, and TPIC44L03 monitor the drain voltage of each channel to detect shorted-load
conditions. The onboard deglitch timer starts running when the gate output to the power FET transitions from
the off state to the on state. The timer provides a 60-
µs deglitch time, t(STBFM), to allow the drain voltage to
stabilize after the power FET has been turned on. The deglitch time is only enabled for the first 60-
µs after the
FET has been turned on. After the deglitch delay time, the drain voltage is checked to verify that it is less than
the fault reference voltage. When it is greater than the reference voltage for at least the short-to-battery deglitch
time, t(STBDG), FLT flags the microcontroller that a fault condition exists and the gate output is automatically shut
off (TPIC44L01 and TPIC44L03) until the error condition has been corrected.
An overheating condition on the FET occurs when the controller continually tries to re-enable the output under
shorted-load fault conditions. When a shorted-load fault is detected using the TPIC44L02, the gate output is
transitioned into a low-duty-cycle, PWM signal to to protect the FET from overheating. The PWM rate is defined
as t(SB) and the pulse width is defined as tw. The gate output remains in this state until the fault has been
corrected or until the controller disables the gate output.
The microcontroller can read the serial port on the predriver to isolate which channel reported the fault condition.
Fault bits 0-3 distinguish faults for each of the output channels. When a shorted-load condition occurs with the
TPIC44L01 or TPIC44L03, the controller must disable and re-enable the channel to clear the fault register and
FLT. The TPIC44L02 automatically retries the output and the fault clears after the fault condition has been
corrected. Figure 14 illustrates operation after a gate output has been turned on. The gate to the power FET
is turned on and the deglitch timer starts running. Under normal operation T1 turns on and the drain operates
below the reference point set at U1. The output of U1 is low and a fault condition is not flagged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com