Electronic Components Datasheet Search
  English  ▼

X  

TPIC6259 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6259
Description  POWER LOGIC 8-BIT ADDRESSABLE LATCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC6259 Datasheet(HTML) 1 Page - Texas Instruments

  TPIC6259 Datasheet HTML 1Page - Texas Instruments TPIC6259 Datasheet HTML 2Page - Texas Instruments TPIC6259 Datasheet HTML 3Page - Texas Instruments TPIC6259 Datasheet HTML 4Page - Texas Instruments TPIC6259 Datasheet HTML 5Page - Texas Instruments TPIC6259 Datasheet HTML 6Page - Texas Instruments TPIC6259 Datasheet HTML 7Page - Texas Instruments TPIC6259 Datasheet HTML 8Page - Texas Instruments TPIC6259 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TPIC6259
POWER LOGIC 8-BIT ADDRESSABLE LATCH
SLIS009A – APIRL 1992 – REVISED SEPTEMBER 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
• Low r
DS(on) . . . 1.3 Ω Typical
• Avalanche Energy...75 mJ
• Eight Power DMOS Transistor Outputs of
250-mA Continuous Current
• 1.5-A Pulsed Current Per Output
• Output Clamp Voltage at 45 V
• Four Distinct Function Modes
• Low Power Consumption
description
This power logic 8-bit addressable latch controls
open-drain DMOS transistor outputs and is
designed for general-purpose storage applica-
tions in digital systems. Specific uses include
working registers, serial-holding registers, and
decoders or demultiplexers. This is a multi-
functional device capable of storing single-line
data in eight addressable latches with 3-to-8
decoding or demultiplexing mode active-low
DMOS outputs.
Four distinct modes of operation are selectable by
controlling the clear (CLR) and enable (G) inputs
as enumerated in the function table. In the
addressable-latch mode, data at the data-in (D)
terminal is written into the addressed latch. The
addressed DMOS transistor output inverts the
data input with all unaddressed DMOS-transistor
outputs remaining in their previous states. In the
memory mode, all DMOS-transistor outputs
remain in their previous states and are unaffected
by the data or address inputs. To eliminate the
possibility of entering erroneous data in the latch,
enable G should be held high (inactive) while the
address lines are changing. In the 3-to-8 decoding
or demultiplexing mode, the addressed output is inverted with respect to the D input and all other outputs are
high. In the clear mode, all outputs are high and unaffected by the address and data inputs.
Separate power and logic level ground pins are provided to facilitate maximum system flexibility. Pins 1, 10, 11,
and 20 are internally connected, and each pin must be externally connected to the power system ground in order
to minimize parasitic inductance. A single-point connection between pin 9, logic ground (LGND), and pins 1, 10,
11, and 20, power ground (PGND) must be externally made in a manner that reduces crosstalk between the
logic and load circuits.
The TPIC6259 is characterized for operation over the operating case temperature range of – 40
°C to 125°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PGND
VCC
S0
DRAIN0
DRAIN1
DRAIN2
DRAIN3
S1
LGND
PGND
PGND
CLR
D
DRAIN7
DRAIN6
DRAIN5
DRAIN4
G
S2
PGND
DW OR N PACKAGE
(TOP VIEW)
OUTPUT OF
ADDRESSED
DRAIN
EACH
OTHER
DRAIN
INPUTS
FUNCTION
CLR G
FUNCTION TABLE
LATCH SELECTION TABLE
SELECT INPUTS
DRAIN
ADDRESSED
0
1
2
3
4
5
6
7
L
L
L
L
H
H
H
H
D
H
H
L
L
H
L
L
H
Qio
Qio
Qio
Qio
H
H
X
Memory
L
L
L
L
H
L
L
H
H
H
8-Line
Demultiplexer
L
H
X
H
H
Clear
Addressable
Latch
S2
S1
S0
L
L
H
H
L
L
H
H
L
H
L
H
L
H
L
H
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPIC6259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6259 TI-TPIC6259 Datasheet
879Kb / 16P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6259 TI2-TPIC6259 Datasheet
686Kb / 19P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
REVISED SEPTEMBER 1995
TPIC6259DW TI-TPIC6259DW Datasheet
879Kb / 16P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6259DW TI2-TPIC6259DW Datasheet
686Kb / 19P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
REVISED SEPTEMBER 1995
TPIC6259DW.A TI2-TPIC6259DW.A Datasheet
686Kb / 19P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
REVISED SEPTEMBER 1995
More results

Similar Description - TPIC6259

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
8 BIT ADDRESSABLE LATCH
Sep-1988
STPIC6A259 STMICROELECTRONICS-STPIC6A259 Datasheet
387Kb / 13P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
Mar-2001
logo
Texas Instruments
TPIC6A259 TI-TPIC6A259 Datasheet
180Kb / 11P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6B259 TI-TPIC6B259 Datasheet
159Kb / 11P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
8-Bit Addressable Latch
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
8-bit Addressable Latch
logo
Texas Instruments
TPIC6259DWG4 TI-TPIC6259DWG4 Datasheet
879Kb / 16P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
8-Bit Addressable Latch
TPIC6A259 TI1-TPIC6A259_12 Datasheet
246Kb / 13P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6B259 TI1-TPIC6B259_16 Datasheet
1Mb / 19P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com