Electronic Components Datasheet Search
  English  ▼

X  

HCM2612AX Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HCM2612AX
Description  Electro-Magnetic Sound Generators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HCM2612AX Datasheet(HTML) 1 Page - JL World Company Limited.

  HCM2612AX Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specification (alldatatakenat25°Cunlessotherwisespecified)
Value ApplyingRatedVoltage,DC
H
Electro-MagneticSoundGenerators
www.jlworld.com
Rated
Voltage
(VDC)
6
12
Operating
Voltage
(VDC)
4 ~8
8~16
H
Rated
Current
(mA)
35
£
£ 35
H
SoundOutput
at10cm
(dB)
95
³
³ 95
H
Generated
Frequency
(Hz)
300~500
300~500
Operating
Temperature
(°C)
-40~+70
-40~+70
Storage
Temperature
(°C)
-40~+80
-40~+80
Weight
(g)
17
17
Model
HCM2606AX
HCM2612AX
Dimension
Unit:mm
Tolerance:±0.3mm
CharacteristicsResponse
Measuring Temperature:25°C
MeasuringDistance:10cm
HCM2606AX
HCM2612AX
90
95
100
dB
8
10
12
14
V
20
30
40
mA
V
8
10
12
14
90
95
100
dB
4
5
6
7
V
20
30
40
mA
V
4
5
6
7
HCM26AX
Series
19.0
19.7
8.0
3.5
C
-
HCM
26AX
+
-
C
Vs
Vt
CoupledCircuit


Similar Part No. - HCM2612AX

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HCM2612AX JLWORLD-HCM2612AX Datasheet
88Kb / 1P
Value applying Rated Voltage
More results

Similar Description - HCM2612AX

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC0901A JLWORLD-HC0901A Datasheet
54Kb / 1P
Electro-Magnetic Sound Generators
HC0901B JLWORLD-HC0901B Datasheet
470Kb / 1P
Electro-Magnetic Sound Generators
HC12G-1P JLWORLD-HC12G-1P Datasheet
63Kb / 1P
Electro-Magnetic Sound Generators
HC12G-3P JLWORLD-HC12G-3P Datasheet
415Kb / 1P
Electro-Magnetic Sound Generators
HCE2306AX JLWORLD-HCE2306AX Datasheet
89Kb / 1P
Electro-Magnetic Sound Generators
HCM0901A JLWORLD-HCM0901A Datasheet
44Kb / 1P
Electro-Magnetic Sound Generators
HCM1601X JLWORLD-HCM1601X Datasheet
91Kb / 1P
Electro-Magnetic Sound Generators
HCS0503C JLWORLD-HCS0503C Datasheet
46Kb / 1P
Electro-Magnetic Sound Generators
HCS0901F JLWORLD-HCS0901F Datasheet
54Kb / 1P
Electro-Magnetic Sound Generators
HCS0901G JLWORLD-HCS0901G Datasheet
55Kb / 1P
Electro-Magnetic Sound Generators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com