Electronic Components Datasheet Search
  English  ▼

X  

TPIC6C596 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6C596
Description  POWER LOGIC 8-BIT SHIFT REGISTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC6C596 Datasheet(HTML) 1 Page - Texas Instruments

  TPIC6C596 Datasheet HTML 1Page - Texas Instruments TPIC6C596 Datasheet HTML 2Page - Texas Instruments TPIC6C596 Datasheet HTML 3Page - Texas Instruments TPIC6C596 Datasheet HTML 4Page - Texas Instruments TPIC6C596 Datasheet HTML 5Page - Texas Instruments TPIC6C596 Datasheet HTML 6Page - Texas Instruments TPIC6C596 Datasheet HTML 7Page - Texas Instruments TPIC6C596 Datasheet HTML 8Page - Texas Instruments TPIC6C596 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TPIC6C596
POWER LOGIC 8-BIT SHIFT REGISTER
SLIS093 – MARCH 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low rDS(on) ...7 Ω Typ
D Avalanche Energy ...30 mJ
D Eight Power DMOS Transistor Outputs of
100-mA Continuous Current
D 250-mA Current Limit Capability
D ESD Protection . . . 2500 V
D Output Clamp Voltage . . . 33 V
D Enhanced Cascading for Multiple Stages
D All Registers Cleared With Single Input
D Low Power Consumption
description
The TPIC6C596 is a monolithic, medium-voltage,
low-current power 8-bit shift register designed for
use in systems that require relatively moderate
load power such as LEDs. The device contains a
built-in voltage clamp on the outputs for inductive
transient protection. Power driver applications
include relays, solenoids, and other low-current or
medium-voltage loads.
This device contains an 8-bit serial-in, parallel-out
shift register that feeds an 8-bit D-type storage
register. Data transfers through both the shift and
storage registers on the rising edge of the shift
register clock (SRCK) and the register clock
(RCK), respectively. The storage register trans-
fers data to the output buffer when shift register
clear (CLR) is high. When CLR is low, all registers
in the device are cleared. When output enable (G)
is held high, all data in the output buffers is held
low and all drain outputs are off. When G is held
low, data from the storage register is transparent to the output buffers. When data in the output buffers is low,
the DMOS transistor outputs are off. When data is high, the DMOS transistor outputs have sink-current
capability. The serial output (SER OUT) is clocked out of the device on the falling edge of SRCK to provide
additional hold time for cascaded applications. This will provide improved performance for applications where
clock signals may be skewed, devices are not located near one another, or the system must tolerate
electromagnetic interference.
This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields. These
circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to MIL-STD-883C,
Method 3015; however, it is advised that precautions be taken to avoid application of any voltage higher than maximum-rated
voltages to these high-impedance circuits. During storage or handling, the device leads should be shorted together or the device
should be placed in conductive foam. In a circuit, unused inputs should always be connected to an appropriated logic voltage level,
preferably either VCC or ground. Specific guidelines for handling devices of this type are contained in the publication Guidelines for
Handling Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
logic symbol†
2
SRG8
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
8
10
7
15
2
EN3
C2
R
C1
1D
G
RCK
CLR
SRCK
SER IN
3
5
4
11
6
13
12
9
14
DRAIN0
DRAIN1
DRAIN2
DRAIN3
DRAIN4
DRAIN5
DRAIN6
DRAIN7
SER OUT
2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
SER IN
DRAIN0
DRAIN1
DRAIN2
DRAIN3
CLR
G
GND
SRCK
DRAIN7
DRAIN6
DRAIN5
DRAIN4
RCK
SER OUT
D OR N PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 2000, Texas Instruments Incorporated


Similar Part No. - TPIC6C596

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6C596 TI-TPIC6C596 Datasheet
495Kb / 17P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
467Kb / 18P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI2-TPIC6C596 Datasheet
757Kb / 31P
TPIC6C596 Power Logic 8-Bit Shift Register
REVISED MARCH 2015
TPIC6C596D TI-TPIC6C596D Datasheet
495Kb / 17P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596D TI-TPIC6C596D Datasheet
467Kb / 18P
POWER LOGIC 8-BIT SHIFT REGISTER
More results

Similar Description - TPIC6C596

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
Power logic 8-bit shift register
21-May-2008
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
Power logic 8-bit shift register
06-Sep-2007
logo
Texas Instruments
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6596 TI1-TPIC6596_16 Datasheet
595Kb / 16P
POWER LOGIC 8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com