Electronic Components Datasheet Search
  English  ▼

X  

TPS1100 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS1100
Description  SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS1100 Datasheet(HTML) 1 Page - Texas Instruments

  TPS1100 Datasheet HTML 1Page - Texas Instruments TPS1100 Datasheet HTML 2Page - Texas Instruments TPS1100 Datasheet HTML 3Page - Texas Instruments TPS1100 Datasheet HTML 4Page - Texas Instruments TPS1100 Datasheet HTML 5Page - Texas Instruments TPS1100 Datasheet HTML 6Page - Texas Instruments TPS1100 Datasheet HTML 7Page - Texas Instruments TPS1100 Datasheet HTML 8Page - Texas Instruments TPS1100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TPS1100, TPS1100Y
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS078C – DECEMBER 1993 – REVISED AUGUST 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low rDS(on) . . . 0.18 Ω Typ at VGS = –10 V
D 3 V Compatible
D Requires No External VCC
D TTL and CMOS Compatible Inputs
D VGS(th) = –1.5 V Max
D Available in Ultrathin TSSOP Package (PW)
D ESD Protection Up to 2 kV Per
MIL-STD-883C, Method 3015
description
The
TPS1100
is
a
single
P-channel
enhancement-mode MOSFET. The device has
been optimized for 3-V or 5-V power distribution
in battery-powered systems by means of Texas
Instruments
LinBiCMOS
™ process. With a
maximum VGS(th) of –1.5 V and an IDSS of only
0.5
µA, the TPS1100 is the ideal high-side switch
for low-voltage, portable battery-management
systems where maximizing battery life is a primary
concern. The low rDS(on) and excellent ac
characteristics (rise time 10 ns typical) make the
TPS1100 the logical choice for low-voltage
switching applications such as power switches for
pulse-width-modulated (PWM)
controllers
or
motor/bridge drivers.
The ultrathin thin shrink small-outline package or
TSSOP (PW) version with its smaller footprint and
reduction in height fits in places where other
P-channel MOSFETs cannot. The size advantage
is especially important where board real estate is
at a premium and height restrictions do not allow
for a small-outline integrated circuit (SOIC)
package.
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP FORM
TA
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
CHIP FORM
(Y)
–40
°C to 85°C
TPS1100D
TPS1100PWLE
TPS1100Y
The D package is available taped and reeled. Add an R suffix to device type (e.g.,
TPS1100DR). The PW package is available only left-end taped and reeled
(indicated by the LE suffix on the device type; e.g., TPS1100PWLE). The chip form
is tested at 25
°C.
Caution. This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic
fields. These circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to
MIL-STD-883C, Method 3015; however, it is advised that precautions be taken to avoid application of any voltage higher than
maximum-rated voltages to these high-impedance circuits.
LinBiCMOS is a trademark of Texas Instruments Incorporated.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
SOURCE
SOURCE
SOURCE
GATE
DRAIN
DRAIN
DRAIN
DRAIN
D OR PW PACKAGE
(TOP VIEW)
D PACKAGE
PW PACKAGE
SOURCE
DRAIN
GATE
ESD-
Protection
Circuitry
NOTE A: For all applications, all source pins should be connected
and all drain pins should be connected.
schematic


Similar Part No. - TPS1100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1100 TI2-TPS1100 Datasheet
275Kb / 15P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
REVISED AUGUST 1995
TPS1100D TI1-TPS1100D Datasheet
700Kb / 14P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100D TI2-TPS1100D Datasheet
275Kb / 15P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
REVISED AUGUST 1995
TPS1100D.A TI2-TPS1100D.A Datasheet
275Kb / 15P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
REVISED AUGUST 1995
TPS1100DG4 TI1-TPS1100DG4 Datasheet
700Kb / 14P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results

Similar Description - TPS1100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1101 TI-TPS1101 Datasheet
161Kb / 10P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120 TI-TPS1120 Datasheet
180Kb / 12P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM4953M SSC-SSM4953M Datasheet
115Kb / 6P
P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Texas Instruments
TPS1101 TI1-TPS1101_12 Datasheet
495Kb / 13P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120 TI1-TPS1120_08 Datasheet
379Kb / 15P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100DR TI1-TPS1100DR Datasheet
700Kb / 14P
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Guilin Strong Micro-Ele...
GMS2301 GSME-GMS2301 Datasheet
268Kb / 3P
P-Channel Enhancement-Mode MOSFETs
logo
Dongguan City Niuhang E...
NH3401 NIUHANG-NH3401 Datasheet
2Mb / 3P
P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH2305A NIUHANG-NH2305A Datasheet
3Mb / 9P
P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH2301 NIUHANG-NH2301 Datasheet
3Mb / 8P
P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com