Electronic Components Datasheet Search
  English  ▼

X  

TPS2012A Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2012A
Description  POWER-DISTRIBUTION SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2012A Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS2012A Datasheet HTML 11Page - Texas Instruments TPS2012A Datasheet HTML 12Page - Texas Instruments TPS2012A Datasheet HTML 13Page - Texas Instruments TPS2012A Datasheet HTML 14Page - Texas Instruments TPS2012A Datasheet HTML 15Page - Texas Instruments TPS2012A Datasheet HTML 16Page - Texas Instruments TPS2012A Datasheet HTML 17Page - Texas Instruments TPS2012A Datasheet HTML 18Page - Texas Instruments TPS2012A Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
TPS2010A, TPS2011A, TPS2012A, TPS2013A
POWER-DISTRIBUTION SWITCHES
SLVS189A – DECEMBER 1998 – REVISED NOVEMBER 1999
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 26
55
45
35
2.5
3
3.5
4
4.5
65
SUPPLY CURRENT (ENABLED)
vs
INPUT VOLTAGE
75
5
5.5
6
VI – Input Voltage – V
TJ = 125°C
TJ = 85°C
TJ = 25°C
TJ = 0°C
TJ = –40°C
Figure 27
1
0
–1
2.5
3
3.5
4
4.5
4
SUPPLY CURRENT (DISABLED)
vs
INPUT VOLTAGE
5
5
5.5
6
VI – Input Voltage – V
3
2
TJ = 85°C
TJ = 0°C
TJ = –40°C
TJ = 125°C
TJ = 25°C
SHORT-CIRCUIT CURRENT LIMIT
vs
INPUT VOLTAGE
Figure 28
1.5
0.5
0
23
4
2.5
3.5
56
VI – Input Voltage – V
1
2
3
TPS2013A
TPS2012A
TPS2011A
TPS2010A
TA = 25°C
Figure 29
SHORT-CIRCUIT CURRENT LIMIT
vs
JUNCTION TEMPERATURE
1.5
0.5
0
–50
–25
0
2.5
3.5
25
100
TJ – Junction Temperature – °C
1
2
3
TPS2013A
TPS2012A
TPS2011A
TPS2010A
50
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com