Electronic Components Datasheet Search
  English  ▼

X  

TPS2020 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2020
Description  POWER-DISTRIBUTION SWITCHES
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2020 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2020 Datasheet HTML 2Page - Texas Instruments TPS2020 Datasheet HTML 3Page - Texas Instruments TPS2020 Datasheet HTML 4Page - Texas Instruments TPS2020 Datasheet HTML 5Page - Texas Instruments TPS2020 Datasheet HTML 6Page - Texas Instruments TPS2020 Datasheet HTML 7Page - Texas Instruments TPS2020 Datasheet HTML 8Page - Texas Instruments TPS2020 Datasheet HTML 9Page - Texas Instruments TPS2020 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TPS2020, TPS2021, TPS2022, TPS2023, TPS2024
POWER-DISTRIBUTION SWITCHES
SLVS175A – DECEMBER 1998 – REVISED NOVEMBER 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VI(IN)= 5.5 V,
IO = rated current, EN = 0 V (unless otherwise noted) (continued)
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply current low level output
No Load on OUT
TJ = 25°C
0.3
1
µA
Supply current, low-level output
No Load on OUT
EN = VI(IN)
–40
°C ≤ TJ ≤ 125°C
10
µA
Supply current high level output
No Load on OUT
EN
0V
TJ = 25°C
58
75
µA
Supply current, high-level output
No Load on OUT
EN = 0 V
–40
°C ≤ TJ ≤ 125°C
75
100
µA
Leakage current
OUT connected to ground
EN = VI(IN)
–40
°C ≤ TJ ≤ 125°C
10
µA
undervoltage lockout
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low-level input voltage
2
2.5
V
Hysteresis
TJ = 25°C
100
mV
overcurrent (OC)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output low voltage
IO = 10 mA,
VOL(OC)
0.4
V
Off-state current†
VO = 5 V,
VO = 3.3 V
1
µA
† Specified by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com