Electronic Components Datasheet Search
  English  ▼

X  

TPS2010AD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2010AD
Description  POWER-DISTRIBUTION SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2010AD Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2010AD Datasheet HTML 8Page - Texas Instruments TPS2010AD Datasheet HTML 9Page - Texas Instruments TPS2010AD Datasheet HTML 10Page - Texas Instruments TPS2010AD Datasheet HTML 11Page - Texas Instruments TPS2010AD Datasheet HTML 12Page - Texas Instruments TPS2010AD Datasheet HTML 13Page - Texas Instruments TPS2010AD Datasheet HTML 14Page - Texas Instruments TPS2010AD Datasheet HTML 15Page - Texas Instruments TPS2010AD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TPS2010A, TPS2011A, TPS2012A, TPS2013A
POWER-DISTRIBUTION SWITCHES
SLVS189A – DECEMBER 1998 – REVISED NOVEMBER 1999
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 18. 1.2-
Ω Load Connected to an Enabled
TPS2013A Device
100 200 300 400 500 600 700
800
900 1000
t – Time –
µs
0
IO(OUT) (2 A/div)
IO(OUT)
VI(IN) = 5 V
RL = 1.2 Ω
TA = 25°C
Figure 19. 0.9-
Ω Load Connected to an Enabled
TPS2013A Device
100 200 300 400 500 600 700 800 900 1000
t – Time –
µs
0
IO(OUT) (2 A/div)
IO(OUT)
VI(IN) = 5 V
RL = 0.9 Ω
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com