Electronic Components Datasheet Search
  English  ▼

X  

TPS2020D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2020D
Description  POWER-DISTRIBUTION SWITCHES
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2020D Datasheet(HTML) 2 Page - Texas Instruments

  TPS2020D Datasheet HTML 1Page - Texas Instruments TPS2020D Datasheet HTML 2Page - Texas Instruments TPS2020D Datasheet HTML 3Page - Texas Instruments TPS2020D Datasheet HTML 4Page - Texas Instruments TPS2020D Datasheet HTML 5Page - Texas Instruments TPS2020D Datasheet HTML 6Page - Texas Instruments TPS2020D Datasheet HTML 7Page - Texas Instruments TPS2020D Datasheet HTML 8Page - Texas Instruments TPS2020D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPS2020, TPS2021, TPS2022, TPS2023, TPS2024
POWER-DISTRIBUTION SWITCHES
SLVS175A – DECEMBER 1998 – REVISED NOVEMBER 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
RECOMMENDED
MAXIMUM CONTINUOUS
TYPICAL SHORT-CIRCUIT
PACKAGED DEVICES
TA
ENABLE
MAXIMUM CONTINUOUS
LOAD CURRENT
(A)
CURRENT LIMIT AT 25
°C
(A)
SMALL OUTLINE
(D)†
PLASTIC DIP
(P)
0.2
0.3
TPS2020D
TPS2020P
0.6
0.9
TPS2021D
TPS2021P
–40
°C to 85°C
Active low
1
1.5
TPS2022D
TPS2022P
1.5
2.2
TPS2023D
TPS2023P
2
3
TPS2024D
TPS2024P
† The D package is available taped and reeled. Add an R suffix to device type (e.g., TPS2020DR)
TPS2020 functional block diagram
OUT
OC
IN
EN
GND
Current
Limit
Driver
UVLO
Charge
Pump
CS
Thermal
Sense
Power Switch
†
†Current Sense
Terminal Functions
TERMINAL
NAME
NO.
D OR P
I/O
DESCRIPTION
EN
4
I
Enable input. Logic low turns on power switch.
GND
1
I
Ground
IN
2, 3
I
Input voltage
OC
5
O
Overcurrent. Logic output active low
OUT
6, 7, 8
O
Power-switch output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com