Electronic Components Datasheet Search
  English  ▼

X  

TPS2012PW Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS2012PW
Description  POWER-DISTRIBUTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2012PW Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS2012PW Datasheet HTML 9Page - Texas Instruments TPS2012PW Datasheet HTML 10Page - Texas Instruments TPS2012PW Datasheet HTML 11Page - Texas Instruments TPS2012PW Datasheet HTML 12Page - Texas Instruments TPS2012PW Datasheet HTML 13Page - Texas Instruments TPS2012PW Datasheet HTML 14Page - Texas Instruments TPS2012PW Datasheet HTML 15Page - Texas Instruments TPS2012PW Datasheet HTML 16Page - Texas Instruments TPS2012PW Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
TPS2010, TPS2011, TPS2012, TPS2013
POWER-DISTRIBUTION
SLVS097A – DECEMBER 1994 – REVISED AUGUST 1995
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
overcurrent
A sense FET is employed to check for overcurrent conditions. Unlike sense resistors and polyfuses, sense FETs
do not increase series resistance to the current path. When an overcurrent condition is detected, the device
maintains a constant output current and reduces the output voltage accordingly. Shutdown only occurs if the
fault is present long enough to activate thermal limiting.
Three possible overload conditions can occur. In the first condition, the output has been shorted before the
device is enabled or before VI(IN) has been applied (see Figure 30). The TPS201x senses the short and
immediately switches into a constant-current output.
Under the second condition, the short occurs while the device is enabled. At the instant the short occurs, very
high currents flow for a short time before the current-limit circuit can react (see Figures 5, 6, 7, and 8). After the
current-limit circuit has tripped, the device limits normally.
Under the third condition, the load has been gradually increased beyond the recommended operating current.
The current is permitted to rise until the current-limit threshold is reached (see Figures 9, 10, 11, and 12). The
TPS201x family is capable of delivering currents up to the current-limit threshold without damage. Once the
threshold has been reached, the device switches into its constant-current mode.
Figure 30. Turned-On (Enabled) Into Short Circuit, VI(IN) = 5.5 V
0
1
2
3
45
67
89
t – Time – ms
10
TPS2010
TPS2011
TPS2012
TPS2013
0
1
2
3
2.5
1.5
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com