Electronic Components Datasheet Search
  English  ▼

X  

HSB29C Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HSB29C
Description  SPEAKER SOUND GENERATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HSB29C Datasheet(HTML) 1 Page - JL World Company Limited.

  HSB29C Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HSB29C-8
Coil
Impedance
( )
W
Rated
Power
(W)
Maximum
InputPower
(W)
Resonance
Frequency
(Hz)
H
Frequency
Range
(Hz)
H
SoundOutput
at1kHz
(dB)
Operating
Temperature
(°C)
Storage
Temperature
(°C)
8±15%
0.1
0.2
550±20%
550~3500
80±3
-10~+40
-10~+40
Specification (alldatatakenat25°Cunlessotherwisespecified)
Thespecificationareonlyfor8
version.Specificationforotherimpedanceisavailableuponrequest.
Valuenormalizedto1Winputpowerand1mmeasuringdistance.
W
H
SPEAKERSOUNDGENERATORS
HSB29C
Unit:mm
Tolerance:±0.3mm
Dimension
5.0
www.jlworld.com
FrequencyResponse
Normalizedto1WInputPowerand
1mMeasuringDistance
50
60
70
80
500
1K
2K
3K
5K
10K
20K
Hz
dB
100
200
300


Similar Part No. - HSB29C

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HSB29E JLWORLD-HSB29E Datasheet
76Kb / 1P
SPEAKER SOUND GENERATORS
More results

Similar Description - HSB29C

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HSB20A JLWORLD-HSB20A Datasheet
80Kb / 1P
SPEAKER SOUND GENERATORS
HSB20N JLWORLD-HSB20N Datasheet
68Kb / 1P
SPEAKER SOUND GENERATORS
HSB20P JLWORLD-HSB20P Datasheet
59Kb / 1P
SPEAKER SOUND GENERATORS
HSB23E JLWORLD-HSB23E Datasheet
72Kb / 1P
SPEAKER SOUND GENERATORS
HSB28G JLWORLD-HSB28G Datasheet
80Kb / 1P
SPEAKER SOUND GENERATORS
HSB30H JLWORLD-HSB30H Datasheet
64Kb / 1P
SPEAKER SOUND GENERATORS
HSB3232A JLWORLD-HSB3232A Datasheet
91Kb / 1P
SPEAKER SOUND GENERATORS
HSB3434A-4 JLWORLD-HSB3434A-4 Datasheet
90Kb / 1P
SPEAKER SOUND GENERATORS
HSP2040A-8 JLWORLD-HSP2040A-8 Datasheet
49Kb / 1P
SPEAKER SOUND GENERATORS
HSR10D JLWORLD-HSR10D Datasheet
46Kb / 1P
SPEAKER SOUND GENERATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com