Electronic Components Datasheet Search
  English  ▼

X  

TPS2012APWP Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS2012APWP
Description  POWER-DISTRIBUTION SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2012APWP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS2012APWP Datasheet HTML 13Page - Texas Instruments TPS2012APWP Datasheet HTML 14Page - Texas Instruments TPS2012APWP Datasheet HTML 15Page - Texas Instruments TPS2012APWP Datasheet HTML 16Page - Texas Instruments TPS2012APWP Datasheet HTML 17Page - Texas Instruments TPS2012APWP Datasheet HTML 18Page - Texas Instruments TPS2012APWP Datasheet HTML 19Page - Texas Instruments TPS2012APWP Datasheet HTML 20Page - Texas Instruments TPS2012APWP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
TPS2010A, TPS2011A, TPS2012A, TPS2013A
POWER-DISTRIBUTION SWITCHES
SLVS189A – DECEMBER 1998 – REVISED NOVEMBER 1999
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 34
2
–50
0
50
100
2.4
UNDERVOLTAGE LOCKOUT
2.5
150
TJ – Temperature – °C
2.3
2.2
Start Threshold
Stop Threshold
2.1
APPLICATION INFORMATION
IN
EN
GND
0.1
µF
2,3
4
5,6,7,8
0.1
µF
22
µF
Load
1
OUT
TPS2013A
Power Supply
2.7 V to 5.5 V
Figure 35. Typical Application
power-supply considerations
A 0.01-
µF to 0.1-µF ceramic bypass capacitor between IN and GND, close to the device, is recommended.
Placing a high-value electrolytic capacitor on the output and input pins is recommended when the output load
is heavy. This precaution reduces power supply transients that may cause ringing on the input. Additionally,
bypassing the output with a 0.01-
µF to 0.1-µF ceramic capacitor improves the immunity of the device to
short-circuit transients.
overcurrent
A sense FET checks for overcurrent conditions. Unlike current-sense resistors, sense FETs do not increase the
series resistance of the current path. When an overcurrent condition is detected, the device maintains a
constant output current and reduces the output voltage accordingly. Complete shutdown occurs only if the fault
is present long enough to activate thermal limiting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com