Electronic Components Datasheet Search
  English  ▼

X  

TPS2045D Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2045D
Description  CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2045D Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2045D Datasheet HTML 9Page - Texas Instruments TPS2045D Datasheet HTML 10Page - Texas Instruments TPS2045D Datasheet HTML 11Page - Texas Instruments TPS2045D Datasheet HTML 12Page - Texas Instruments TPS2045D Datasheet HTML 13Page - Texas Instruments TPS2045D Datasheet HTML 14Page - Texas Instruments TPS2045D Datasheet HTML 15Page - Texas Instruments TPS2045D Datasheet HTML 16Page - Texas Instruments TPS2045D Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TPS2045, TPS2055
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS182 – APRIL 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 24
0.69
0.67
0.65
2.5
3
3.5
4
0.71
THRESHOLD TRIP CURRENT
vs
INPUT VOLTAGE
0.73
4.5
5
6
5.5
VI – Input Voltage – V
TA = 25°C
Load Ramp = 1 A/10 ms
Figure 25
420
405
–50
–25
0
25
50
435
SHORTCIRCUIT OUTPUT CURRENT
vs
JUNCTION TEMPERATURE
450
75
100
125
TJ – Junction Temperature – °C
VI(IN) = 5 V
VI(IN) = 4 V
VI(IN) = 2.7 V
445
440
430
425
415
410
Figure 26
2.2
2.1
2
–50
–25
0
25
50
75
2.3
2.4
UNDERVOLTAGE LOCKOUT
vs
JUNCTION TEMPERATURE
2.5
100
125
150
TJ – Junction Temperature – °C
Start Threshold
Stop Threshold
Figure 27
250
100
0
02
4
6
350
Peak Current – A
CURRENT-LIMIT RESPONSE
vs
PEAK CURRENT
500
810
VI(IN) = 5 V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com