Electronic Components Datasheet Search
  English  ▼

X  

TPS2100 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2100
Description  VAUX POWER-DISTRIBUTION SWITCHES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2100 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2100 Datasheet HTML 1Page - Texas Instruments TPS2100 Datasheet HTML 2Page - Texas Instruments TPS2100 Datasheet HTML 3Page - Texas Instruments TPS2100 Datasheet HTML 4Page - Texas Instruments TPS2100 Datasheet HTML 5Page - Texas Instruments TPS2100 Datasheet HTML 6Page - Texas Instruments TPS2100 Datasheet HTML 7Page - Texas Instruments TPS2100 Datasheet HTML 8Page - Texas Instruments TPS2100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TPS2100, TPS2101
VAUX POWER-DISTRIBUTION SWITCHES
SLVS197C – JUNE 1999 – REVISED APRIL 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D Dual-Input, Single-Output MOSFET Switch
With No Reverse Current Flow (No Parasitic
Diodes)
D IN1 . . . 250-mΩ, 500-mA N-Channel;
16-
µA Max Supply Current
D IN2 . . . 1.3-Ω, 10-mA P-Channel;
1.5-
µA Max Supply Current (VAUX Mode)
D Advanced Switch Control Logic
D CMOS- and TTL-Compatible Enable Input
D Controlled Rise, Fall, and Transition Times
D 2.7-V to 4 V Operating Range
D SOT-23-5 and SOIC-8 Package
D –40°C to 70°C Ambient Temperature Range
D 2-kV Human-Body-Model, 750-V CDM,
200-V Machine-Model Electrostatic-
Discharge Protection
typical applications
D Notebook and Desktop PCs
D Palmtops and PDAs
description
The TPS2100 and TPS2101 are dual-input, single-output power switches designed to provide uninterrupted
output voltage when transitioning between two independent power supplies. Both devices combine one
n-channel (250 m
Ω) and one p-channel (1.3 Ω) MOSFET with a single output. The p-channel MOSFET (IN2)
is used with auxiliary power supplies that deliver lower current for standby modes. The n-channel MOSFET
(IN1) is used with a main power supply that delivers higher current required for normal operation. Low
on-resistance makes the n-channel the ideal path for higher main supply current when power-supply regulation
and system voltage drops are critical. When using the p-channel MOSFET, quiescent current is reduced to
0.75
µA to decrease the demand on the standby power supply. The MOSFETs in the TPS2100 and TPS2101
do not have the parasitic diodes, found in discrete MOSFETs, which allow the devices to prevent back-flow
current when the switch is off.
DBV PACKAGE
(TOP VIEW)
GND
IN2
IN1
OUT
EN
GND
IN2
IN1
OUT
EN
DBV PACKAGE
(TOP VIEW)
TPS2100
TPS2101
NC – No internal connection
Figure 2. VAUX CardBus Implementation
PCI12xx / PCI14xx
CardBus Controller
PCI Bus
VAUX
3.3 V
VGA
TPS210x
VCC
D3-STAT
1
2
3
4
8
7
6
5
IN2
GND
EN
NC
OUT
OUT
NC
IN1
D PACKAGE
(TOP VIEW)
D PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
IN2
GND
EN
NC
OUT
OUT
NC
IN1
1
2
3
5
4
1
2
3
5
4
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Figure 1. Typical Dual-Input Single-Output
Application
TPS2100
IN1
IN2
EN
3.3 V VCC
3.3 V VAUX
D3 or PME Status
Control Signal
Hold-Up
Capacitor
Controller
(CardBus,
1394,
PCI,
et al.)
3.3 V


Similar Part No. - TPS2100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2100 TI1-TPS2100 Datasheet
462Kb / 20P
POWER-DISTRIBUTION SWITCHES
TPS2100 TI1-TPS2100 Datasheet
496Kb / 20P
POWER-DISTRIBUTION SWITCHES
TPS2100 TI2-TPS2100 Datasheet
427Kb / 22P
VAUX POWER-DISTRIBUTION SWITCHES
REVISED JUNE 2000
TPS2100 TI2-TPS2100 Datasheet
369Kb / 21P
VAUX POWER-DISTRIBUTION SWITCHES
REVISED APRIL 2000
TPS2100 TI2-TPS2100 Datasheet
890Kb / 21P
VAUX POWER-DISTRIBUTION SWITCHES
REVISED APRIL 2000
More results

Similar Description - TPS2100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
POWER-DISTRIBUTION SWITCHES
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
POWER-DISTRIBUTION SWITCHES
TPS2102 TI-TPS2102 Datasheet
265Kb / 17P
VAUX POWER-DISTRIBUTION SWITCHES
TPS2104 TI-TPS2104 Datasheet
240Kb / 16P
VAUX POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
POWER DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
POWER-DISTRIBUTION SWITCHES
TPS2104DBVR TI-TPS2104DBVR Datasheet
437Kb / 19P
VAUX POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2105-EP TI1-TPS2105-EP Datasheet
1Mb / 24P
TPS2105-EP VAUX Power-Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com