Electronic Components Datasheet Search
  English  ▼

X  

TPS2202 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2202
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2202 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2202 Datasheet HTML 1Page - Texas Instruments TPS2202 Datasheet HTML 2Page - Texas Instruments TPS2202 Datasheet HTML 3Page - Texas Instruments TPS2202 Datasheet HTML 4Page - Texas Instruments TPS2202 Datasheet HTML 5Page - Texas Instruments TPS2202 Datasheet HTML 6Page - Texas Instruments TPS2202 Datasheet HTML 7Page - Texas Instruments TPS2202 Datasheet HTML 8Page - Texas Instruments TPS2202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TPS2202, TPS2202Y
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
SLVS103A – DECEMBER 1994 – REVISED AUGUST 1995
6–3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TPS2202Y chip information
This chip, when properly assembled, displays characteristics similar to the TPS2202. Thermal compression or
ultrasonic bonding may be used on the doped aluminum bonding pads. The chips may be mounted with
conductive epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%
ALL DIMENSIONS ARE IN MILS
TERMINALS 6, 14, 26, 27, 28, AND 29
ARE NOT CONNECTED
204
142
TPS2201Y
(2)
(28)
(1)
(3)
(29)
(30)
(27)
(4)
5V
5V
5V
DATA
CLOCK
NC
NC
NC
(6)
(5)
(7)
(8)
LATCH
NC
12V
AVPP
(10)
(9)
(11)
(12)
AVCC
AVCC
AVCC
GND
(14)
(13)
(15)
APWR_GOOD
NC
3V
(24)
(25)
(26)
(23)
NC
VDD
12V
BVPP
(20)
(21)
(22)
(19)
BVCC
BVCC
BVCC
BPWR_GOOD
(16)
(17)
(18)
OC
3V
3V
(2)
(1)
(3)
(4)
(5)
(7)
(8)
(10)
(9)
(11)
(12)
(13)
(15)
(20)
(21)
(22)
(19)
(16)
(17)
(18)
(30)
(24)
(25)
(23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com