Electronic Components Datasheet Search
  English  ▼

X  

TPS2201YDF Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS2201YDF
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2201YDF Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2201YDF Datasheet HTML 6Page - Texas Instruments TPS2201YDF Datasheet HTML 7Page - Texas Instruments TPS2201YDF Datasheet HTML 8Page - Texas Instruments TPS2201YDF Datasheet HTML 9Page - Texas Instruments TPS2201YDF Datasheet HTML 10Page - Texas Instruments TPS2201YDF Datasheet HTML 11Page - Texas Instruments TPS2201YDF Datasheet HTML 12Page - Texas Instruments TPS2201YDF Datasheet HTML 13Page - Texas Instruments TPS2201YDF Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TPS2201, TPS2201Y
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES
FOR PARALLEL PCMCIA CONTROLLERS
SLVS094B – AUGUST 1994 – REVISED AUGUST 1995
6–10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 10. xVPP Propagation Delay and
Rise Times With 1-
µF Load, 12-V Switch
Figure 11. xVPP Propagation Delay and
Fall Times With 1-
µF Load, 12-V Switch
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
xVPP (5 V/div)
x_VPP_PGM (2 V/div)
01
2
3
45
67
89
xVPP (5 V/div)
x_VPP_PGM (2 V/div)
t – Time – ms
t – Time – ms
01
2
3
45
67
89
xVPP (5 V/div)
x_VPP_PGM (2 V/div)
0
5
10
15
20
25
30
35
40
45
xVPP (5 V/div)
x_VPP_PGM (2 V/div)
t – Time – ms
t – Time – ms
Figure 12. xVPP Propagation Delay and
Rise Times With 100-
µF Load, 12-V Switch
Figure 13. xVPP Propagation Delay and
Fall Times With 100-
µF Load, 12-V Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com