Electronic Components Datasheet Search
  English  ▼

X  

TPS2202IDBLE Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS2202IDBLE
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2202IDBLE Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS2202IDBLE Datasheet HTML 13Page - Texas Instruments TPS2202IDBLE Datasheet HTML 14Page - Texas Instruments TPS2202IDBLE Datasheet HTML 15Page - Texas Instruments TPS2202IDBLE Datasheet HTML 16Page - Texas Instruments TPS2202IDBLE Datasheet HTML 17Page - Texas Instruments TPS2202IDBLE Datasheet HTML 18Page - Texas Instruments TPS2202IDBLE Datasheet HTML 19Page - Texas Instruments TPS2202IDBLE Datasheet HTML 20Page - Texas Instruments TPS2202IDBLE Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
TPS2202, TPS2202Y
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
SLVS103A – DECEMBER 1994 – REVISED AUGUST 1995
6–17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
overcurrent and thermal protection
The TPS2202 uses sense FETs to check for overcurrent conditions in each of the VCC and Vpp outputs. Unlike
sense resistors or polyfuses, these FETs do not add to the series resistance of the switch; therefore, voltage
and power losses are reduced. Overcurrent sensing is applied to each output separately. When an overcurrent
condition is detected, only the power output affected is limited; all other power outputs continue to function
normally. The OC indicator, normally a logic high, is a logic low when any overcurrent condition is detected,
providing for initiation of system diagnostics and/or sending a warning message to the user.
During power up, the TPS2202 controls the rise time of the VCC and Vpp outputs and limits the current into a
faulty card or connector. If a short circuit is applied after power is established (e.g., hot insertion of a bad card),
current is initially limited only by the impedance between the short and the power supply. In extreme cases, as
much as 10 A to 15 A may flow into the short before the current limiting of the TPS2202 engages. If the VCC
or Vpp outputs are driven below ground, the TPS2202 may latch nondestructively in an off state. Cycling power
reestablishes normal operation.
Overcurrent limiting for the VCC outputs is designed to engage if powered up into a short in the range of
0.75 A to 1.9 A, typically at about 1.3 A; the Vpp outputs limit from 120 mA to 400 mA, typically around 200 mA.
The protection circuitry acts by linearly limiting the current passing through the switch, rather than initiating a
full shutdown of the supply. Shutdown occurs only during thermal limiting.
Thermal limiting prevents destruction of the IC from overheating when the package power-dissipation ratings
are exceeded. Thermal limiting, disables all power outputs (both A and B slots) until the device has cooled.
calculating junction temperature
The switch resistance, rDS(on), is dependent on the junction temperature, TJ, of the die. The junction temperature
is dependent on both rDS(on) and the current through the switch. To calculate TJ, first find rDS(on) from Figures
16, 17, and 18 using an initial temperature estimate about 50
°C above ambient. Then calculate the power
dissipation for each switch, using the formula:
P
D +
r
DS(on) @
I2
Next, sum the power dissipation and calculate the junction temperature:
T
J + S
P
D @
RqJA ) TA,RqJA + 108 C W
°
Compare the calculated junction temperature with the initial temperature estimate. If they are not within a few
degrees of each other, reiterate using the calculated temperature as the initial estimate.
logic input and outputs
The serial interface consists of DATA, CLOCK, and LATCH leads. The data is clocked in on the positive leading
edge of the clock (see Figure 2). The 9-bit (D0 through D8) serial data word is loaded during the positive edge
of the latch signal. The latch signal should occur before the next positive leading edge of the clock.
The shutdown bit of the data word places all VCC and Vpp outputs in a high-impedance state and reduces chip
quiescent current to 1
µA to conserve battery power.
The TPS2202 serial interface is designed to be compatible with serial-interface PCMCIA controllers and current
PCMCIA and JEIDA standards.
An overcurrent output (OC) is provided to indicate an overcurrent condition in any of the VCC or Vpp outputs,
as previously discussed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com