Electronic Components Datasheet Search
  English  ▼

X  

BD136 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BD136
Description  Plastic Medium Power Silicon PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BD136 Datasheet(HTML) 1 Page - Motorola, Inc

  BD136 Datasheet HTML 1Page - Motorola, Inc BD136 Datasheet HTML 2Page - Motorola, Inc BD136 Datasheet HTML 3Page - Motorola, Inc BD136 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
Plastic Medium Power Silicon
PNP Transistor
. . . designed for use as audio amplifiers and drivers utilizing complementary or quasi
complementary circuits.
• DC Current Gain — hFE = 40 (Min) @ IC = 0.15 Adc
• BD 136, 138, 140 are complementary with BD 135, 137, 139
MAXIMUM RATINGS
Rating
Symbol
Type
Value
Unit
Collector–Emitter Voltage
VCEO
BD 136
BD 138
BD 140
45
60
80
Vdc
Collector–Base Voltage
VCBO
BD 136
BD 138
BD 140
45
60
100
Vdc
Emitter–Base Voltage
VEBO
5
Vdc
Collector Current
IC
1.5
Adc
Base Current
IB
0.5
Adc
Total Device Dissipation@ TA = 25_C
Derate above 25
_C
PD
1.25
10
Watts
mW/
_C
Total Device Dissipation @ TC = 25_C
Derate above 25
_C
PD
12.5
100
Watt
mW/
_C
Operating and Storage Junction
Temperarture Range
TJ, Tstg
– 55 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
10
_C/W
Thermal Resistance, Junction to Ambient
θJA
100
_C/W
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BD136/D
© Motorola, Inc. 1995
BD136
BD138
BD140
BD140-10
1.5 AMPERE
POWER TRANSISTORS
PNP SILICON
45, 60, 80 VOLTS
10 WATTS
CASE 77–08
TO–225AA TYPE
REV 7


Similar Part No. - BD136

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD136 PHILIPS-BD136 Datasheet
44Kb / 8P
PNP power transistors
1999 Apr 12
logo
STMicroelectronics
BD136 STMICROELECTRONICS-BD136 Datasheet
44Kb / 4P
PNP SILICON TRANSISTORS
Jun-1997
logo
Siemens Semiconductor G...
BD136 SIEMENS-BD136 Datasheet
188Kb / 5P
PNP SILICON TRANSISTORS
logo
Fairchild Semiconductor
BD136 FAIRCHILD-BD136 Datasheet
41Kb / 4P
Medium Power Linear and Switching Applications
logo
STMicroelectronics
BD136 STMICROELECTRONICS-BD136 Datasheet
76Kb / 4P
PNP SILICON TRANSISTORS
Nov-2001
More results

Similar Description - BD136

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD180 MOTOROLA-BD180 Datasheet
105Kb / 4P
Plastic Medium Power Silicon PNP Transistor
BD186 MOTOROLA-BD186 Datasheet
103Kb / 2P
PLASTIC MEDIUM POWER SILICON PNP TRANSISTOR
logo
ON Semiconductor
BD136 ONSEMI-BD136 Datasheet
42Kb / 4P
Plastic Medium Power Silicon PNP Transistor
April, 2005 ??Rev. 12
BD180 ONSEMI-BD180 Datasheet
68Kb / 4P
Plastic Medium Power Silicon PNP Transistor
February, 2006 ??Rev. 11
MJE350 ONSEMI-MJE350 Datasheet
139Kb / 3P
Plastic Medium Power PNP Silicon Transistor
January, 2007 ??Rev. 14
BD436 ONSEMI-BD436 Datasheet
64Kb / 4P
Plastic Medium Power Silicon PNP Transistor
December, 2005 ??Rev. 14
logo
New Jersey Semi-Conduct...
2N4918 NJSEMI-2N4918 Datasheet
136Kb / 1P
MEDIUM-POWER PLASTIC PNP SILICON TRANSISTOR
MJE350 NJSEMI-MJE350 Datasheet
72Kb / 2P
Plastic Medium Power PNP Silicon Transistor
logo
ON Semiconductor
BD436G ONSEMI-BD436G Datasheet
84Kb / 4P
Plastic Medium Power Silicon PNP Transistor
December, 2013 ??Rev. 16
MJE350G ONSEMI-MJE350G Datasheet
102Kb / 3P
Plastic Medium-Power PNP Silicon Transistor
December, 2013 ??Rev. 17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com