Electronic Components Datasheet Search
  English  ▼

X  

TPS2301 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2301
Description  DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2301 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2301 Datasheet HTML 9Page - Texas Instruments TPS2301 Datasheet HTML 10Page - Texas Instruments TPS2301 Datasheet HTML 11Page - Texas Instruments TPS2301 Datasheet HTML 12Page - Texas Instruments TPS2301 Datasheet HTML 13Page - Texas Instruments TPS2301 Datasheet HTML 14Page - Texas Instruments TPS2301 Datasheet HTML 15Page - Texas Instruments TPS2301 Datasheet HTML 16Page - Texas Instruments TPS2301 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TPS2300, TPS2301
DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT
CIRCUIT BREAKER AND POWER-GOOD REPORTING
SLVS265B – FEBRUARY 2000 – REVISED APRIL 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 19
16
14
12
10
2
3
4
5
678
18
20
GATE1 VOLTAGE
vs
INPUT VOLTAGE
22
910
11
12
VI1 – Input Voltage1 – V
TA = 85°C
TA = 25°C
TA = 0°C
TA = –40°C
CL(GATE1) = 1000 pF
Figure 20
CL(GATE1) – GATE1 Load Capacitance – nF
9
6
3
0
03
6
12
15
GATE1 VOLTAGE RISE TIME
vs
GATE1 LOAD CAPACITANCE
18
912
IN1 = 12 V
TA = 25°C
Figure 21
1
0
03
6
2
3
GATE1 VOLTAGE FALL TIME
vs
GATE1 LOAD CAPACITANCE
4
912
CL(GATE1) – GATE1 Load Capacitance – nF
IN1 = 12 V
TA = 25°C
Figure 22
V – GATE1 Voltage
13.5
13
12
11
14
15
16
17
18
19
20
14
14.5
GATE1 OUTPUT CURRENT
vs
GATE1 VOLTAGE
15
21
22
23
24
12.5
11.5
TA = 85°C
TA = 25°C
TA = 0°C
TA = –40°C
IN1 = 13 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com